Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88993AVKI Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY88993AVKI
Description  5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88993AVKI Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY88993AVKI Datasheet HTML 1Page - Micrel Semiconductor SY88993AVKI Datasheet HTML 2Page - Micrel Semiconductor SY88993AVKI Datasheet HTML 3Page - Micrel Semiconductor SY88993AVKI Datasheet HTML 4Page - Micrel Semiconductor SY88993AVKI Datasheet HTML 5Page - Micrel Semiconductor SY88993AVKI Datasheet HTML 6Page - Micrel Semiconductor SY88993AVKI Datasheet HTML 7Page - Micrel Semiconductor SY88993AVKI Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
SY88993AV
Micrel, Inc.
M9999-082205
hbwhelp@micrel.com or (408) 955-1690
Output Termination
The SY88993AV outputs must be terminated with a 50Ω
load to VCC.
Layout and PCB Design
Since the SY88993AV is a high-frequency component,
performance can largely be determined by board layout
and design. A common problem with high-gain amplifiers is
feedback from the large swing outputs to the input via power
supply.
The SY88993AV ground pin should be connected to the
circuit board ground. Use multiple PCB vias close to the
part to connect to ground. Avoid long, inductive runs which
can degrade performance.
APPLICATION NOTE
Figure 3. LOS
LVL Circuit
NOTES:
1. Resistor Divider = R2/ (R1 + R2)
2. R1 + R2 ≥ 5kΩ
Figure 2. Differential Output Configuration
Figure 1. Differential Input Configuration
R1
R2
VCC
VREF
LOSLVL
GND
VCC
22nF
22nF
ESD STRUCTURE
DIN
/DIN
VREF
0.1µF
50Ω
GND
VCC
16mA
/DOUT
Z0 = 50Ω
Z0 = 50Ω
VCC
50Ω
50Ω
50Ω
ESD STRUCTURE
DOUT


Similar Part No. - SY88993AVKI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88993AVKITR MICREL-SY88993AVKITR Datasheet
67Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER SY88993AV
More results

Similar Description - SY88993AVKI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88993V MICREL-SY88993V Datasheet
70Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993V MICREL-SY88993V_05 Datasheet
65Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV Datasheet
72Kb / 9P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923AV MICREL-SY88923AV Datasheet
68Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV_07 Datasheet
67Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER SY88993AV
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V_10 Datasheet
419Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com