Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88993VKG Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88993VKG
Description  5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88993VKG Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88993VKG Datasheet HTML 1Page - Micrel Semiconductor SY88993VKG Datasheet HTML 2Page - Micrel Semiconductor SY88993VKG Datasheet HTML 3Page - Micrel Semiconductor SY88993VKG Datasheet HTML 4Page - Micrel Semiconductor SY88993VKG Datasheet HTML 5Page - Micrel Semiconductor SY88993VKG Datasheet HTML 6Page - Micrel Semiconductor SY88993VKG Datasheet HTML 7Page - Micrel Semiconductor SY88993VKG Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SY88993V
Micrel, Inc.
M9999-082205
hbwhelp@micrel.com or (408) 955-1690
T
A = –40°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
I
CC
Power Supply
5V
40
40
34
40
45
mA
Current(1)
3.3V
35
35
30
35
40
I
IL
/EN Input LOW
–0.3(6)
–0.3(6)
–0.3(6)
–0.3(6)
—mA
Current
I
IH
/EN Input HIGH
20(4)
—20(4)
——
20(4)
—20(4)
µA
Current
100(5)
100(5)
100(5)
100(5)
I
OH
LOS Output Leakage(2)
100
100
100
100
uA
LOS
LVL
LOS
LVL Level
V
REF
V
CC
V
REF
V
CC
V
REF
—V
CC
V
REF
V
CC
V
V
OL
LOS Output Low
0.5
0.5
0.5
0.5
V
Level(3)
V
REF
Reference Voltage
V
CC –1.38 VCC –1.26 VCC –1.38
V
CC –1.26
V
CC –1.38
V
CC –1.32
V
CC –1.26
V
CC –1.38 VCC –1.26
V
V
IH
/EN Input HIGH Voltage
2.0
2.0
2.0
2.0
V
V
IL
/EN Input LOW Voltage
0.8
0.8
0.8
V
V
OFFSET Differential Output
±80
±80
±10
±80
±80
mV
Offset
V
CMR
Common Mode Range
GND
±2V
CC–0.2
GND
±2V
CC–0.2
GND
±2—
V
CC–0.2
GND
±2V
CC–0.2
V
DC ELECTRICAL CHARACTERISTICS
V
CC = +3.3V ±10% or +5V ±10%, RLOAD = 50Ω to VCC
Notes:
1. No output load.
2. V
OH = 5.5V.
3. I
OL = +2mA.
4. V
IN = 2.7V
5. V
IN = VCC
6. V
IN = 0.5V
Symbol
Rating
Value
Unit
V
CC
Power Supply Voltage
0 to +7.0
V
D
IN, /DIN
Input Voltage
0 to V
CC
V
T
A
Operating Temperature Range
–40 to +85
°C
T
store
Storage Temperature Range
–55 to +125
°C
ABSOLUTE MAXIMUM RATINGS(1)
Note:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at
conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods
may affect device reliability.


Similar Part No. - SY88993VKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88993VKC MICREL-SY88993VKC Datasheet
70Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results

Similar Description - SY88993VKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88993V MICREL-SY88993V Datasheet
70Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV_05 Datasheet
486Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV Datasheet
72Kb / 9P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923AV MICREL-SY88923AV Datasheet
68Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV_07 Datasheet
67Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER SY88993AV
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V_10 Datasheet
419Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com