Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA7076M Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # SLA7076M
Description  Motor Driver IC Family
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7076M Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button SLA7076M Datasheet HTML 2Page - Allegro MicroSystems SLA7076M Datasheet HTML 3Page - Allegro MicroSystems SLA7076M Datasheet HTML 4Page - Allegro MicroSystems SLA7076M Datasheet HTML 5Page - Allegro MicroSystems SLA7076M Datasheet HTML 6Page - Allegro MicroSystems SLA7076M Datasheet HTML 7Page - Allegro MicroSystems SLA7076M Datasheet HTML 8Page - Allegro MicroSystems SLA7076M Datasheet HTML 9Page - Allegro MicroSystems SLA7076M Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SLA7075M, SLA7076M,
SLA7077M, and SLA7078M
Motor Driver ICs
6
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
OUTPUT CHARACTERISTICS for both PR and R products
Valid at TA = 25°C, VBB = 24 V, VDD = 5 V, unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IOUT = 1.0 A (SLA7075M)
Output On Resistance
RDS(ON)
IDS = 1 A
0.7
0.85
Ω
Body Diode Forward Voltage
Vf
If = 1 A
0.85
1.1
V
IOUT = 1.5 A (SLA7076M)
Output On Resistance
RDS(ON)
IDS = 1.5 A
0.45
0.6
Ω
Body Diode Forward Voltage
Vf
If = 1.5 A
1.0
1.25
V
IOUT = 2.0 A (SLA7077M)
Output On Resistance
RDS(ON)
IDS = 2 A
0.25
0.4
Ω
Body Diode Forward Voltage
Vf
If = 2 A
0.95
1.2
V
IOUT = 3.0 A (SLA7078M)
Output On Resistance
RDS(ON)
IDS = 3 A
0.18
0.24
Ω
Body Diode Forward Voltage
Vf
If = 3 A
0.95
2.1
V
IOUT = 3.0 A (SLA7078MPR and SLA7078MR)
Sense Resistor Rating*
RSInt
Tolerance: ±3 %
0.150
0.155
0.160
Ω
REF Input Voltage
VREF
Within specified current limit
0.1
0.45
V
*RSInt includes approximately 5 mΩ circuit resistance in addition to the resistance of the resistor itself.
IOUT = 2.0 A (SLA7077MPR and SLA7077MR)
Sense Resistor Rating*
RSInt
Tolerance: ±3 %
0.199
0.205
0.211
Ω
REF Input Voltage
VREF
Within specified current limit
0.1
0.4
V
BUILT-IN SENSE RESISTOR CHARACTERISTICS for PR and R products
Valid at TA = 25°C, VBB = 24 V, VDD = 5 V, unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IOUT = 1.0 A (SLA7075MPR and SLA7075MR)
Sense Resistor Rating*
RSInt
Tolerance: ±3 %
0.296
0.305
0.314
Ω
REF Input Voltage
VREF
Within specified current limit
0.1
0.3
V
IOUT = 1.5 A (SLA7076MPR and SLA7076MR)
Sense Resistor Rating*
RSInt
Tolerance: ±3 %
0.296
0.305
0.314
Ω
REF Input Voltage
VREF
Within specified current limit
0.1
0.45
V


Similar Part No. - SLA7076M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7076MR SANKEN-SLA7076MR Datasheet
66Kb / 2P
   2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
More results

Similar Description - SLA7076M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SLA7070M ALLEGRO-SLA7070M Datasheet
350Kb / 12P
   Motor Driver IC Family
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
logo
Micro Analog systems
MAS6012 MAS-MAS6012 Datasheet
93Kb / 9P
   Stepper Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com