Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-8025JF Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # SI-8025JF
Description  Step-Down to 2.5 V, 1.5 A, DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-8025JF Datasheet(HTML) 5 Page - Allegro MicroSystems

  SI-8025JF Datasheet HTML 1Page - Allegro MicroSystems SI-8025JF Datasheet HTML 2Page - Allegro MicroSystems SI-8025JF Datasheet HTML 3Page - Allegro MicroSystems SI-8025JF Datasheet HTML 4Page - Allegro MicroSystems SI-8025JF Datasheet HTML 5Page - Allegro MicroSystems SI-8025JF Datasheet HTML 6Page - Allegro MicroSystems SI-8025JF Datasheet HTML 7Page - Allegro MicroSystems SI-8025JF Datasheet HTML 8Page - Allegro MicroSystems SI-8025JF Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SI-8025JF
Step-Down
to 2.5 V, 1.5 A,
DC/DC Converter
www.allegromicro.com
Switching
Regulators
5
APPLICATIONS INFORMATION
Input Capacitor (C1). Capacitors with low impedance
for high-frequency ripple current must be used.
Output Capacitor (C2). Capacitors with low impedance
for high-frequency ripple current must be used. Especially
when the C2 impedance is high, the switching waveform
may not be normal at low temperatures. Film or tantalum
capacitor for C2 may cause abnormal oscillations.
Catch Diode (D1). Diode D1 must be a Schottky diode.
Other diode types will result in increased forward voltage
spikes, reverse current flow, increased IC power dissipa-
tion during the off period, and possible destruction of the
IC.
Choke Coil (L1). If the winding resistance of the choke
coil is too high, the circuit efficiency will decrease. As the
overcurrent protection start current is approximately 2.5 A,
attention must be paid to the heating of the coil by magnetic
saturation due to overload. To reduce the output ripple, the
inductor may be increased at the expense of excessive
board area and cost.
Typical Application
SI-8025JF
Soft-Start Capacitor (C3). Soft start for the converter
is enabled by connecting a capacitor between terminal 5
and ground. The converter may be turned off by decreasing
the terminal 5 voltage below 0.5 V with either an npn
small-signal transistor or the output of open-collector TTL.
If both a large soft-start capacitor and on/off control are
desired, collector current limiting must be used to prevent
transistor damage. No external voltage can be applied to
terminal 5.
Parallel Operation. Parallel operation to increase load
current is not permitted.
Overcurrent Protection. The SI-8000JF series has a
built-in fold-back type overcurrent protection circuit, which
limits the output current at a start-up mode. It thus cannot
be used in applications that require current at the start-up
mode such as:
(1) constant-current load,
(2) power supply with positive and negative outputs to
common load (a center-tap type power supply), or
(3) raising the output voltage by putting a diode or a
resistor between the device ground and system ground.


Similar Part No. - SI-8025JF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8025JF SANKEN-SI-8025JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SI-8025JF SANKEN-SI-8025JF Datasheet
319Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
More results

Similar Description - SI-8025JF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8025JF SANKEN-SI-8025JF Datasheet
319Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
Allegro MicroSystems
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8050JD ALLEGRO-SI-8050JD Datasheet
538Kb / 10P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8090JD ALLEGRO-SI-8090JD Datasheet
600Kb / 10P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SPI-8002TW ALLEGRO-SPI-8002TW Datasheet
444Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com