Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B10011S-MFPG1Y Datasheet(PDF) 10 Page - ATMEL Corporation

Part # B10011S-MFPG1Y
Description  Can Transceiver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

B10011S-MFPG1Y Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button B10011S-MFPG1Y Datasheet HTML 4Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 5Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 6Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 7Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 8Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 9Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 10Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 11Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
4749C–AUTO–09/05
B10011S
Figure 7-2.
Test Circuit Equivalents
V
CC
H
L
H'
L'
300
300
300
300
2/3 V
CC
1/3 V
CC
Ideal test circuit equivalent
CH0
CL0
H
L
2CHL
Capacitance H: CHgnd = CH0 + 2 CHL <= 200 pF/m
Capacitance L: CLgnd = CL0 + 2 CHL <= 200 pF/m
Switches are
closed in the
dominant state
Switches are
closed in the
dominant state
1/3 V
CC
2/3 V
CC
H
L
300
300
220
270
38k
38k
4k54
4k54
F
1
0.946 V
0.946 V
Real test circuit equivalent
F
0
V
CC


Similar Part No. - B10011S-MFPG1Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
B10011S-MFPG1Y ATMEL-B10011S-MFPG1Y Datasheet
258Kb / 12P
   Can Transceiver IC
More results

Similar Description - B10011S-MFPG1Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
B10011S ATMEL-B10011S_07 Datasheet
258Kb / 12P
   Can Transceiver IC
B10011S ATMEL-B10011S Datasheet
127Kb / 11P
   CAN TRANSCEIVER IC
logo
Sanyo Semicon Device
LA2360M SANYO-LA2360M Datasheet
67Kb / 5P
   Monolithic Linear IC CAN Transceiver
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
   CAN-Transceiver
Version 3.4 2002-10-08
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
[Old version datasheet]   CAN TRANSCEIVER
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
   CAN Transceiver
HA13721RP RENESAS-HA13721RP_15 Datasheet
139Kb / 11P
   CAN Transceiver
logo
Texas Instruments
UC5350 TI-UC5350 Datasheet
110Kb / 6P
[Old version datasheet]   CAN Transceiver
SN65HVD251 TI-SN65HVD251_08 Datasheet
557Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com