Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B10011S-MFPG1Y Datasheet(PDF) 6 Page - ATMEL Corporation

Part # B10011S-MFPG1Y
Description  Can Transceiver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

B10011S-MFPG1Y Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button B10011S-MFPG1Y Datasheet HTML 2Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 3Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 4Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 5Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 6Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 7Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 8Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 9Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
4749C–AUTO–09/05
B10011S
6.
Electrical Characteristics
Test condition: Test circuit (see Figure 6-1 on page 7), 0 = 0V, 1 = 5V
VCC = 27V, VDD = 5V, VSS = 0V, Tamb = –40°C to +105°C, unless otherwise specified.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Supply current
Tx0 = 0, Asel = 1, Bsel = 1
ICC
15
mA
Tx0 = 0, Asel = 0, Bsel = 0
IDD
22
mA
Tx0 = 1, Asel = 1, Bsel = 1
ICC
26
mA
Tx0 = 1, Asel = 1, Bsel = 1
IDD
16
mA
Input current
Tx0 = 1, Asel = 1, Bsel = 1
I(Tx0)
650
µA
Tx0 = 1, Asel = 1, Bsel = 1
I(Asel, Bsel)
150
µA
Output voltage
Tx0 = 0, Asel = 1, Bsel = 0
V
IL(F0) = 1.9V, VIH(F1) = 2.7V
R
x0
1.0
V
T
x0 = 1, Asel = 1, Bsel = 1
V
IL(F1) = 1.9 V, VIH(F0) = 2.7 V
Rx0
3.8
V
T
x0 = 0, Asel = 1, Bsel = 1
U(H’)
24.5
V
T
x0 = 1, Asel = 1, Bsel = 1
U(H’)
1.0
V
T
x0 = 1, Asel = 1, Bsel = 1
U(L’)
26
V
T
x0 = 0, Asel = 1, Bsel = 1
U(L’)
1.0
V
No fault
ER
4.7
V
Fault on line
ER
100
mV
V
CC = 7V, VDD = 4.75V, VSS = 0V, Tamb = 25°C, unless otherwise specified.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Output voltage
T
x0 = 0, Asel = 1, Bsel = 1
U(H’)
4.5
V
T
x0 = 1, Asel = 1, Bsel = 1
U(H’)
100
mV
T
x0 = 1, Asel = 1, Bsel = 0
U(L’)
6.5
V
T
x0 = 0, Asel = 1, Bsel = 1
U(L’)
1.0
V
T
x0 = 1, Asel = 1, Bsel = 0
VIL(F1) = 1.0V, VIH(F0) = 1.15V
Rx0
3.3
V
Tx0 = 0, Asel = 1, Bsel = 0
VIL(F0) = 1.0V, VIH(F1) = 1.15V
R
x0
1.0
V
VCC = 32V, VDD = 5.25V, VSS = 0V, Tamb = 25°C, unless otherwise specified.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Output voltage
Tx0 = 0, Asel = 1, Bsel = 1
U(H’)
29
V
Tx0 = 1, Asel = 1, Bsel = 1
U(H’)
500
mV
Tx0 = 1, Asel = 1, Bsel = 0
U(L’)
31.5
V
Tx0 = 0, Asel = 1, Bsel = 1
U(L’)
1.0
V
Tx0 = 1, Asel = 1, Bsel = 0
V
IL(F1) = 1.6V, VIH(F0) = 2.7V
Rx0
4.0
V
T
x0 = 0, Asel = 1, Bsel = 0
VIL(F0) = 1.6V, VIH(F1) = 2.7V
R
x0
1.0
V


Similar Part No. - B10011S-MFPG1Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
B10011S-MFPG1Y ATMEL-B10011S-MFPG1Y Datasheet
258Kb / 12P
   Can Transceiver IC
More results

Similar Description - B10011S-MFPG1Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
B10011S ATMEL-B10011S_07 Datasheet
258Kb / 12P
   Can Transceiver IC
B10011S ATMEL-B10011S Datasheet
127Kb / 11P
   CAN TRANSCEIVER IC
logo
Sanyo Semicon Device
LA2360M SANYO-LA2360M Datasheet
67Kb / 5P
   Monolithic Linear IC CAN Transceiver
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
   CAN-Transceiver
Version 3.4 2002-10-08
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
[Old version datasheet]   CAN TRANSCEIVER
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
   CAN Transceiver
HA13721RP RENESAS-HA13721RP_15 Datasheet
139Kb / 11P
   CAN Transceiver
logo
Texas Instruments
UC5350 TI-UC5350 Datasheet
110Kb / 6P
[Old version datasheet]   CAN Transceiver
SN65HVD251 TI-SN65HVD251_08 Datasheet
557Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com