Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA7073MPR Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # SLA7073MPR
Description  Motor Driver IC Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7073MPR Datasheet(HTML) 4 Page - Allegro MicroSystems

  SLA7073MPR Datasheet HTML 1Page - Allegro MicroSystems SLA7073MPR Datasheet HTML 2Page - Allegro MicroSystems SLA7073MPR Datasheet HTML 3Page - Allegro MicroSystems SLA7073MPR Datasheet HTML 4Page - Allegro MicroSystems SLA7073MPR Datasheet HTML 5Page - Allegro MicroSystems SLA7073MPR Datasheet HTML 6Page - Allegro MicroSystems SLA7073MPR Datasheet HTML 7Page - Allegro MicroSystems SLA7073MPR Datasheet HTML 8Page - Allegro MicroSystems SLA7073MPR Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SLA7070M, SLA7071M,
SLA7072M, and SLA7073M
Motor Driver ICs
4
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
ELECTRICAL CHARACTERISTICS, valid at TA = 25°C, VBB = 24 V, VDD = 5 V, applicable to both PR and R products, unless
otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Main Power Supply Current
IBB
Normal mode
15
mA
IBBS
Sleep1 and Sleep2 modes
100
μA
Logic Power Current
IDD
––5
mA
MOSFET Breakdown Voltage
VDSS
VBB = 44 V, IDS = 1 mA
V
Maximum Response Frequency
fclk
Clock Duty Cycle = 50%
250
kHz
Logic Supply Voltage
VIL
0.25 × VDD
V
VIH
0.75 × VDD
––
V
Logic Supply Current
IIL
–±1–
μA
IIH
–±1–
μA
REF Input Voltage
VREF
See pages 6 and 7
V
VREFS
Output OFF, Sleep1 mode, IBBS in specification,
sequencer = enable
2.0
VDD
V
REF Input Current
IREF
±10
μA
SENSE Voltage
VSInt
VREF = 0.1 V to 0.5 V, Step reference current
ratio: 100%
VREF – 0.03
VREF
VREF+ 0.03
V
Sleep-Enable Recovery Time
tSE
VREF = 2.0 V → 1.5 V
100
μs
Switching Time
tcon
Clock
→ Output ON
2.0
μs
tcoff
Clock
→ Output OFF
1.5
μs
STEPPING CHARACTERISTICS, applicable to both PR and R products; representative values from SLA7070M series shown
Valid at TA = 25°C, VBB = 24 V, VDD = 5 V, unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Step Reference Current Ratio
Mode F
VREF ≈ VSInt = 100 %, VREF = 0.1 to 0.5 V
100
%
Mode 8
70
%
PWM Minimum On-Time
ton(min)
3.2
μs
PWM Off-Time
toff
–12–
μs


Similar Part No. - SLA7073MPR

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7073MPR SANKEN-SLA7073MPR Datasheet
66Kb / 2P
   2-Phase/1-2 Phase Excitation Support, Built-in Sequencer
SLA7073MPRT SANKEN-SLA7073MPRT Datasheet
66Kb / 2P
   2-Phase/1-2 Phase Excitation Support, Built-in Sequencer
More results

Similar Description - SLA7073MPR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SLA7075M ALLEGRO-SLA7075M Datasheet
363Kb / 13P
   Motor Driver IC Family
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
logo
Micro Analog systems
MAS6012 MAS-MAS6012 Datasheet
93Kb / 9P
   Stepper Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com