Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89295UTITR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89295UTITR
Description  2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89295UTITR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89295UTITR Datasheet HTML 1Page - Micrel Semiconductor SY89295UTITR Datasheet HTML 2Page - Micrel Semiconductor SY89295UTITR Datasheet HTML 3Page - Micrel Semiconductor SY89295UTITR Datasheet HTML 4Page - Micrel Semiconductor SY89295UTITR Datasheet HTML 5Page - Micrel Semiconductor SY89295UTITR Datasheet HTML 6Page - Micrel Semiconductor SY89295UTITR Datasheet HTML 7Page - Micrel Semiconductor SY89295UTITR Datasheet HTML 8Page - Micrel Semiconductor SY89295UTITR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Precision Edge®
SY89295U
Micrel, Inc.
M9999-011806
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
24
23
22
21
20
19
18
17
GND
D0
VCC
Q
/Q
VCC
VCC
NC
D8
D9
D10
IN
/IN
VBB
VEF
VCF
1
2
3
4
5
6
7
8
910 11 12 13 14 15 16
32 31 30 29 28 27 26 25
32-Pin MLF™ (MLF-32)
GND
D0
VCC
Q
/Q
VCC
VCC
NC
D8
D9
D10
IN
/IN
VBB
VEF
VCF
32 31 30 29 28 27 26 25
9 10 11 1213 141516
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32-Pin TQFP (T32-1)
TRUTH TABLES
Input Enable
/EN
Q, /Q
0
IN, /IN Delayed
1
Latched D[10:0]
Digital Control Latch
LEN
Latch Action
0
Pass Through D[10:0]
1
Latched D[10:0]
Input/Output
Inputs
Outputs
IN
/IN
OUT
/OUT
01
0
1
10
1
0
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY89295UMI
MLF-32
Industrial
SY89295U
Sn-Pb
SY89295UMITR(2)
MLF-32
Industrial
SY89295U
Sn-Pb
SY89295UTI
T32-1
Industrial
SY89295U
Sn-Pb
SY89295UTITR(2)
T32-1
Industrial
SY89295U
Sn-Pb
SY89295UMG(3)
MLF-32
Industrial
SY89295U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY89295UMGTR(2, 3)
MLF-32
Industrial
SY89295U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY89295UTG(3)
T32-1
Industrial
SY89295U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY89295UTGTR(2, 3)
T32-1
Industrial
SY89295U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.


Similar Part No. - SY89295UTITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89295UTITR MICREL-SY89295UTITR Datasheet
169Kb / 10P
   2.5V / 3.3V 1.5 GHZ PRECISION LVPECL PROGRAMMABLE DELAY
SY89295UTITR MICREL-SY89295UTITR Datasheet
638Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL
More results

Similar Description - SY89295UTITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89296U MICREL-SY89296U_11 Datasheet
468Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL Programmable Delay
SY89295U MICREL-SY89295U_11 Datasheet
638Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL
SY89296U MICREL-SY89296U Datasheet
618Kb / 15P
   2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
SY89295U MICREL-SY89295U Datasheet
169Kb / 10P
   2.5V / 3.3V 1.5 GHZ PRECISION LVPECL PROGRAMMABLE DELAY
SY100E222L MICREL-SY100E222L_11 Datasheet
92Kb / 7P
   3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK
logo
ON Semiconductor
NB6L295MNGEVB ONSEMI-NB6L295MNGEVB Datasheet
198Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
March, 2012 ??Rev. 4
NB6L295 ONSEMI-NB6L295 Datasheet
196Kb / 14P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
January, 2010 ??Rev. 3
NB6L295 ONSEMI-NB6L295_12 Datasheet
198Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
March, 2012 ??Rev. 4
logo
Integrated Device Techn...
83PN15639 IDT-83PN15639 Datasheet
343Kb / 21P
   Programmable FemtoClock NG 3.3V, 2.5V LVPECL Oscillator Replacement
logo
Pericom Semiconductor C...
NX502 PERICOM-NX502 Datasheet
834Kb / 2P
   2.5V/3.3V LVPECL XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com