Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U642B Datasheet(PDF) 1 Page - ATMEL Corporation

Part # U642B
Description  Interval- and Wipe/ Wash Wiper Control IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U642B Datasheet(HTML) 1 Page - ATMEL Corporation

  U642B_05 Datasheet HTML 1Page - ATMEL Corporation U642B_05 Datasheet HTML 2Page - ATMEL Corporation U642B_05 Datasheet HTML 3Page - ATMEL Corporation U642B_05 Datasheet HTML 4Page - ATMEL Corporation U642B_05 Datasheet HTML 5Page - ATMEL Corporation U642B_05 Datasheet HTML 6Page - ATMEL Corporation U642B_05 Datasheet HTML 7Page - ATMEL Corporation U642B_05 Datasheet HTML 8Page - ATMEL Corporation U642B_05 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
Interval Pause: 4s to 20s
After-wiping Time: 2s to 20s
Wiper Motor’s Park Switch
Wipe/Wash Mode Priority
One External Capacitor Determines All Time Sequences
Relay Driver with Z-diode
Interference Protection According to VDE 0839 or ISO/TR 7637/1
Load-dump Protected
1.
Description
The U642B is a bi-polar integrated circuit designed for the wiper application in the
automotive market. It includes wipe, wash and internal mode.
2.
Functional Description
As a convenience feature of the windshield wiper, intermittent and wipe/wash opera-
tion functions are implemented in most of the automobiles. The U642B is a
cost-effective solution for an accurate timing function control. Wipe/wash mode has
priority over interval mode. Interval pause and after-wiping time can be set to fixed val-
ues by using resistors in a broad time range. Added value can be provided with an
individual, continuous adjustment of the interval pause by a potentiometer which may
be built into the stalk. For proper operation, it is mandatory to feed the signal of the
wiper motor's park switch into U642B.
Interval and
Wipe/Wash
Wiper Control
IC
U642B
Rev. 4774B–AUTO–09/05


Similar Part No. - U642B_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U642B ATMEL-U642B_07 Datasheet
241Kb / 12P
   Interval and Wipe/Wash Wiper Control IC
More results

Similar Description - U642B_05

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UU642 UTC-UU642_15 Datasheet
221Kb / 6P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
IK Semicon Co., Ltd
IK642BN IKSEMICON-IK642BN Datasheet
417Kb / 11P
   INTERVAL- and WIPE/WASH WIPER CONTROL IC
logo
Unisonic Technologies
UU642 UTC-UU642 Datasheet
164Kb / 5P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
ATMEL Corporation
U642B ATMEL-U642B_07 Datasheet
241Kb / 12P
   Interval and Wipe/Wash Wiper Control IC
U642B ATMEL-U642B Datasheet
53Kb / 7P
   Interval- and Wipe/ Wash Wiper Control IC
U641B ATMEL-U641B_05 Datasheet
197Kb / 12P
   Interval and Wipe/Wash Wiper Control IC with Delay
U641B ATMEL-U641B Datasheet
167Kb / 10P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC WITH DELAY
U641B ATMEL-U641B_07 Datasheet
243Kb / 12P
   Interval and Wipe/Wash Wiper Control IC with Delay
logo
TEMIC Semiconductors
U690B TEMIC-U690B Datasheet
102Kb / 9P
   Rear Wiper Interval/Wipe-Wash Control
logo
ATMEL Corporation
U2640B ATMEL-U2640B Datasheet
85Kb / 10P
   Intemittent- and Wipe/ Wash Control for Wiper Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com