Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89306VMGTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89306VMGTR
Description  3.3V/5V 2.5GHz PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89306VMGTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89306VMGTR Datasheet HTML 1Page - Micrel Semiconductor SY89306VMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89306VMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89306VMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89306VMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89306VMGTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Precision Edge®
SY89306/316V
Micrel, Inc.
M9999-051006
hbwhelp@micrel.com or (408) 955-1690
INPUT INTERFACE APPLICATIONS
D
/D
SY89306/316V
0.01
µF V
BB
VCC
Figure 1. Single-Ended LVPECL Input
(Terminating Unused Input)
LVPECL OUTPUT INTERFACE APPLICATIONS
ZO = 50Ω
R2
R1
R1
R2
R3
R4
VCC —2V
VCC —1.3V
VCC
VCC
VCC
VCC
VCC = 3.3V; R1 = 130Ω, R2 = 82Ω, R3 = 1kΩ, R4 = 1.6kΩ,
VCC = 5V; R1 = 83Ω, R2 = 125Ω, R3 = 1kΩ, R4 = 2.8kΩ,
Figure 2c. Terminating Unused I/O
R2
R2
ZO = 50Ω
ZO = 50Ω
R1
R1
VCC —2V
VCC
VCC
VCC
VCC = 3.3V; R1 = 130Ω, R2 = 82Ω
VCC = 5V; R1 = 83Ω, R2 = 125Ω
Figure 2a. Parallel Thevenin-Equivalent
Termination
ZO = 50Ω
ZO = 50Ω
Rpd
50
50
C (Optional)
0.01
µF
VCC –2V
VCC
VCC
VCC = 3.3V; Rpd = 50Ω
VCC = 5V; Rpd = 100Ω
VCC
Figure 2b. Three Resistor
“Y Termination”
Part Number
Function
Data Sheet Link
SY89206/216V
3.3V/5V 1GHz Differential PECL/ECL
www.micrel.com/product-info/products/sy89206-216v.shtml
Receiver/Buffer
SY89223L
3.3V Dual Differential LVPECL-to-LVTTL
www.micrel.com/product-info/products/sy89223l.shtml
Translator
HBW Solutions
New Products and Applications
www.micrel.com/product-info/products/solutions.shtml
RELATED PRODUCT AND SUPPORT DOCUMENTATION


Similar Part No. - SY89306VMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89306VMGTR MICREL-SY89306VMGTR Datasheet
50Kb / 6P
   3.3V / 5V 2.5 GHZ PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
More results

Similar Description - SY89306VMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89206V MICREL-SY89206V Datasheet
53Kb / 6P
   3.3V/5V 1GHz DIFFERENTIAL PECL/ECL RECEIVER/BUFFER
logo
Microchip Technology
SY89206V MICROCHIP-SY89206V Datasheet
730Kb / 16P
   3.3V/5V 1 GHz Differential PECL/ECL Receiver/Buffer
05/14/19
logo
Micrel Semiconductor
SY89306V MICREL-SY89306V Datasheet
50Kb / 6P
   3.3V / 5V 2.5 GHZ PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
Micrel Semiconductor
SY89307V MICREL-SY89307V Datasheet
49Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING PECL/ECL DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
AZ100LVEL16 AZM-AZ100LVEL16_12 Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ10EL16 AZM-AZ10EL16 Datasheet
79Kb / 6P
   ECL/PECL Differential Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com