Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-78B1.8-1.5 Datasheet(PDF) 1 Page - Recom International Power

Part # R-78B1.8-1.5
Description  1.5 AMP SIP3 Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78B1.8-1.5 Datasheet(HTML) 1 Page - Recom International Power

  R-78B1.8-1.5 Datasheet HTML 1Page - Recom International Power R-78B1.8-1.5 Datasheet HTML 2Page - Recom International Power R-78B1.8-1.5 Datasheet HTML 3Page - Recom International Power R-78B1.8-1.5 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.recom-international.com
1
13-February-2007
1.5 AMP
SIP3
Single Output
INNOLINE
DC/DC-Converter
R-78Bxx-
1.5(L)
Series
Efficiency up to 95%,Non isolated,
no need for heatsinks
Pin-out compatible with LM78XX Linears
Low profile( L*W*H=11.5*8.5*17.5mm)
Wide input range.(4.75V ~ 18V)
Short circuit protection, Thermal shutdown
Non standard outputs available as specials
between 1.5V ~ 6.5V
Low ripple and noise
“L” Version with 90° pins
Features
Selection Guide
Part
Input
Output
Output
Efficiency
Number*
Range
Voltage
Current
Min. Vin
Max. Vin
SIP3
(V)
(V)
(A)
(%)
(%)
R-78B1.5-1.5
4.75 – 18
1.5
1.5
83
78
R-78B1.8-1.5
4.75 – 18
1.8
1.5
85
81
R-78B2.5-1.5
4.75 – 18
2.5
1.5
88
84
R-78B3.3-1.5
4.75 – 18
3.3
1.5
91
88
R-78B5.0-1.5
6.5 – 18
5.0
1.5
94
92
R-78B6.5-1.5
8.0 – 18
6.5
1.5
95
93
120
100
20
60
100
75
0
-40
Operating Temperature (°C)
0
80
50
25
71
Safe Operating Area
85
40
Derating-Graph
(Ambient Temperature)
The R-78Bxx-1.5 Series high efficiency switching regulators are ideally suited to replace 78xx linear regula-
tors and are pin compatible. The efficiency of up to 95% means that very little energy is wasted as heat so
there is no need for any heat sinks with their additional space and mounting costs. The L-Version with 90°
pins allows direct replacement for laid-flat regulators where component height is at a premium.Low ripple
and noise figures and a short circuit input current of typically only 10mA round off the specifications of this
versatile converter series.
Description
* add Suffix “L” for 90° bent pins, e.g. R-78B5.0-1.5L


Similar Part No. - R-78B1.8-1.5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78B1.8-1.5 RECOM-R-78B1.8-1.5 Datasheet
91Kb / 4P
   1.5 AMP SIP3 Single Output
More results

Similar Description - R-78B1.8-1.5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78B-1.5 RECOM-R-78B-1.5 Datasheet
91Kb / 4P
   1.5 AMP SIP3 Single Output
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-78W-0.5 RECOM-R-78W-0.5 Datasheet
824Kb / 3P
   0.5 AMP SIP3 Single Output
R-78K-0.5 RECOM-R-78K-0.5 Datasheet
1Mb / 9P
   0.5 Amp SIP3 Single Output
REV.: 0/2023
R-78C1.8-1.0 RECOM-R-78C1.8-1.0 Datasheet
102Kb / 2P
   1.0 AMP SIP3 Single Output
R-78HB RECOM-R-78HB Datasheet
104Kb / 4P
   0.5 AMP SIP3 Single Output
R-78C-1.0 RECOM-R-78C-1.0 Datasheet
96Kb / 2P
   1.0 AMP SIP3 Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com