Selected language     English  ▼


SY89465U Datasheet(PDF) 5 Page - Micrel Semiconductor

Part No. SY89465U
Description  Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

 
 5 page
background image
Micrel, Inc.
SY89465U
December 2005
M9999-120105-A
hbwhelp@micrel.com or (408) 955-1690
5
Absolute Maximum Ratings(1)
Supply Voltage (VCC) ............................ –0.5V to +4.0V
Input Voltage (VIN) ....................................–0.5V to VCC
Input Current (IIN) ...........................................................
Source/Sink Current on IN, /IN................... ±50mA
Source/Sink Current on VT .......................±100mA
VREF-AC Current
Source/Sink Current on VREF-AC.................... ±2mA
Lead Temperature (soldering, 20 sec.)............ +260°C
Storage Temperature (Ts) ...................–65°C to 150°C
Operating Ratings(2)
Supply Voltage (VCC) ....................+2.375V to +2.625V
Ambient Temperature (TA) ..................–40°C to +85°C
Package Thermal Resistance
(3)
MLF™ (θ JA)
Still-Air ..................................................... 24.4°C/W
MLF™ (ψ JB)
Junction-to-Board ..................................... 8.1°C/W
DC Electrical Characteristics(4)
TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply
2.375
2.5
2.625
V
ICC
Power Supply Current
No load, max VCC
250
325
mA
RIN
Input Resistance
(IN-to-VT)
45
50
55
RDIFF_IN
Differential Input Resistance
(IN-to-/IN)
90
100
110
VIH
Input High Voltage
(IN, /IN)
1.2
VCC
V
VIL
Input Low Voltage
(IN, /IN)
0
VIH–0.1
V
VIN
Input Voltage Swing
(IN, /IN)
See Figure 1a. Note 5.
0.1
2.5
V
VDIFF_IN
Differential Input Voltage Swing
|IN-/IN|
See Figure 1b.
0.2
V
VIN_FSI
Input Voltage Threshold that
Triggers FSI
30
100
mV
VT_IN
IN-to-VT
(IN, /IN)
1.28
V
VREF-AC
Output Reference Voltage
VCC–1.3
VCC–1.2
VCC–1.1
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is
not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB. θJA and
ψJB values are determined for a 4-layer board in still air unless otherwise stated.
4. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
5. VIN (max) is specified when VT is floating.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SY89464UPrecision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination 1 2 3 4 5 MoreMicrel Semiconductor
SY58611U3.2Gbps Precision LVDS 2:1 MUX with Internal Termination and Fail Safe Input 1 2 3 4 5 MoreMicrel Semiconductor
SY58039UULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
SY89828L3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX 1 2 3 4 5 MoreMicrel Semiconductor
SY89218UPrecision 1:15 LVDS Fanout Buffer with 2:1 MUX and Four ÷1/÷2/÷4 Clock Divider Output Banks 1 2 3 4 5 MoreMicrel Semiconductor
SY58608U3.2Gbps Precision 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input 1 2 3 4 5 MoreMicrel Semiconductor
SY58028UULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT AND INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58029U_07ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58030UULTRA PRECISION 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58610U3.2Gbps Precision LVPECL 2:1 MUX with Internal Termination and Fail Safe Input 1 2 3 4 5 MoreMicrel Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl