Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89465U Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # SY89465U
Description  Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89465U Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button SY89465U Datasheet HTML 8Page - Micrel Semiconductor SY89465U Datasheet HTML 9Page - Micrel Semiconductor SY89465U Datasheet HTML 10Page - Micrel Semiconductor SY89465U Datasheet HTML 11Page - Micrel Semiconductor SY89465U Datasheet HTML 12Page - Micrel Semiconductor SY89465U Datasheet HTML 13Page - Micrel Semiconductor SY89465U Datasheet HTML 14Page - Micrel Semiconductor SY89465U Datasheet HTML 15Page - Micrel Semiconductor SY89465U Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Micrel, Inc.
SY89465U
December 2005
M9999-120105-A
hbwhelp@micrel.com or (408) 955-1690
12
Enable Output (EN) Description
The enable function is synchronous so that the
outputs will be enabled/disabled when they are
already in the LOW state. This avoids any chance of
generating a runt pulse when the device is
enabled/disabled as can happen with asynchronous
control.
Disable Output(s):
1. EN toggles from High-to-Low
2. Output(s) follow the selected Clock input
3. Output (CLK) goes to a logic LOW level
(/CLK goes to a logic HIGH), after next High-
to-Low transition of the selected input. See
Timing Diagram 5.
Enable Output(s):
1. EN toggles from Low-to-High.
2. Output(s) follow the selected clock after next
HIGH-to-LOW transition of the selected
input. See “Timing Diagram 5.”
Timing Diagram 5


Similar Part No. - SY89465U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89465UMY MICREL-SY89465UMY Datasheet
771Kb / 20P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89465UMYTR MICREL-SY89465UMYTR Datasheet
771Kb / 20P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89465U MICREL-SY89465U_10 Datasheet
771Kb / 20P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
More results

Similar Description - SY89465U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89465U MICREL-SY89465U_10 Datasheet
771Kb / 20P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89844U MICREL-SY89844U Datasheet
579Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89464U MICREL-SY89464U Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89843U MICREL-SY89843U Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89845U MICREL-SY89845U Datasheet
608Kb / 18P
   PRECISION CML RUNT PULSE ELIMINATOR 2:1 MUX WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
SY89844U MICREL-SY89844U_10 Datasheet
596Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
SY89837U MICREL-SY89837U Datasheet
183Kb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89845U MICREL-SY89845U_10 Datasheet
602Kb / 18P
   Precision CML Runt Pulse Eliminator 2:1 MUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com