Selected language     English  ▼


SY89465U Datasheet(PDF) 3 Page - Micrel Semiconductor

Part No. SY89465U
Description  Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

 
 3 page
background image
Micrel, Inc.
SY89465U
December 2005
M9999-120105-A
hbwhelp@micrel.com or (408) 955-1690
3
Ordering Information(1)
Part Number
Package
Type
Operating
Range
Package Marking
Lead
Finish
SY89465UMG
MLF-44
Industrial
SY89465U with
Pb-Free bar-line Indicator
NiPdAu
Pb-Free
SY89465UMGTR
(2)
MLF-44
Industrial
SY89465U with
Pb-Free bar-line Indicator
NiPdAu
Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC Electricals only.
2. Tape and Reel.
Pin Configuration
44-Pin MLF™ (MLF-44)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SY89464UPrecision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination 1 2 3 4 5 MoreMicrel Semiconductor
SY58611U3.2Gbps Precision LVDS 2:1 MUX with Internal Termination and Fail Safe Input 1 2 3 4 5 MoreMicrel Semiconductor
SY58039UULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
SY89828L3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX 1 2 3 4 5 MoreMicrel Semiconductor
SY89218UPrecision 1:15 LVDS Fanout Buffer with 2:1 MUX and Four ÷1/÷2/÷4 Clock Divider Output Banks 1 2 3 4 5 MoreMicrel Semiconductor
SY58608U3.2Gbps Precision 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input 1 2 3 4 5 MoreMicrel Semiconductor
SY58028UULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT AND INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58029U_07ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58030UULTRA PRECISION 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58610U3.2Gbps Precision LVPECL 2:1 MUX with Internal Termination and Fail Safe Input 1 2 3 4 5 MoreMicrel Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl