Selected language     English  â–Ľ


SY89465U Datasheet(PDF) 4 Page - Micrel Semiconductor

Part No. SY89465U
Description  Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

 
 4 page
background image
Micrel, Inc.
SY89465U
December 2005
M9999-120105-A
hbwhelp@micrel.com or (408) 955-1690
4
Pin Description
Pin Number
Pin Name
Pin Function
2, 5
7, 10
IN0, /IN0
IN1, /IN1
Differential Inputs: These input pairs are the differential signal inputs to the device.
These inputs accept AC- or DC-coupled signals as small as 100mV (200mVpp). Each
pin of a pair internally terminates to a VT pin through 50Ω. Please refer to the “Input
Interface Applications” section for more details.
4, 9
VREF-AC0
VREF-AC1
Reference Voltage: These outputs bias to VCC –1.2V. They are used for AC-coupling
inputs IN and /IN. Connect VREF-AC directly to the corresponding VT pin. Bypass with
0.01µF low ESR capacitor to VCC. Due to the limited drive capability, the VREF-AC pin
is only intended to drive its respective VT pin. Maximum sink/source current is
±1.5mA. Please refer to the “Input Interface Applications” section for more details.
3, 8
VT0, VT1
Input Termination Center-Tap: Each side of the differential input pair terminates to a
VT pin. The VT0 and VT1 pins provide a center-tap to a termination network for
maximum interface flexibility. Please refer to the “Input Interface Applications” section
for more details.
13, 15, 22, 23
28, 33, 34, 41,
43, 44
VCC
Positive Power Supply: Bypass with 0.1µF||0.01µF low ESR capacitors as close to
the VCC pins as possible.
39, 40
37, 38
35, 36
31, 32
29, 30
26, 27
24, 25
20, 21
18, 19
16, 17
/Q0, Q0
/Q1, Q1
/Q2, Q2
/Q3, Q3
/Q4, Q4
/Q5, Q5
/Q6, Q6
/Q7, Q7
/Q8, Q8
/Q9, Q9
Differential Outputs: These differential LVDS outputs are a logic function of the IN0,
IN1, and SEL inputs. Please refer to the “Truth Table” below for details.
42
SEL
This single-ended TTL/CMOS-compatible input selects the inputs to the multiplexer.
Note that this input is internally connected to a 25kΩ pull-up resistor and will default
to logic HIGH state if left open. VTH = VCC/2.
1, 11, 6
GND,
Exposed Pad
Ground: Ground and exposed pad must be connected to the same ground plane.
12
CAP
Power-On Reset (POR) initialization capacitor. When using the multiplexer with RPE
capability, this pin is tied to a capacitor to VCC. The purpose is to ensure the internal
RPE logic starts up in a known state. See “Power-On Reset (POR) Description”
section for more details regarding capacitor selection. If this pin is tied directly to VCC,
the RPE function will be disabled and the multiplexer will function as a normal
multiplexer. The CAP pin should never be left open or tied directly to GND.
14
EN
Single-Ended Input: This TTL/CMOS input disables and enables the Q0-Q9 outputs.
It is internally connected to a 25kΩ pull-up resistor and will default to a logic HIGH
state if left open. When disabled, CLK output goes LOW and /CLK goes HIGH. EN
being synchronous, outputs will be enabled/disabled when they are in LOW state.
Thus, a runt pulse is avoided if the device is enabled/disabled by an asynchronous
control. VTH = VCC/2.
Truth Table
Inputs
Outputs
IN0
/IN0
IN1
/IN1
SEL
Q
/Q
0
1
X
X
0
0
1
1
0
X
X
0
1
0
X
X
0
1
1
0
1
X
X
1
0
1
1
0




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SY89464UPrecision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination 1 2 3 4 5 MoreMicrel Semiconductor
SY58611U3.2Gbps Precision LVDS 2:1 MUX with Internal Termination and Fail Safe Input 1 2 3 4 5 MoreMicrel Semiconductor
SY58039UULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
SY89828L3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX 1 2 3 4 5 MoreMicrel Semiconductor
SY89218UPrecision 1:15 LVDS Fanout Buffer with 2:1 MUX and Four Ă·1/Ă·2/Ă·4 Clock Divider Output Banks 1 2 3 4 5 MoreMicrel Semiconductor
SY58608U3.2Gbps Precision 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input 1 2 3 4 5 MoreMicrel Semiconductor
SY58028UULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT AND INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58029U_07ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58030UULTRA PRECISION 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SY58610U3.2Gbps Precision LVPECL 2:1 MUX with Internal Termination and Fail Safe Input 1 2 3 4 5 MoreMicrel Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl