Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89464UMGTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89464UMGTR
Description  Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89464UMGTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89464UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY89464UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89464UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89464UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89464UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89464UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89464UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89464UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89464UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Micrel, Inc.
SY89464U
December 2005
M9999-120105-B
hbwhelp@micrel.com or (408) 955-1690
4
Pin Description
Pin Number
Pin Name
Pin Function
2, 5
7, 10
IN0, /IN0
IN1, /IN1
Differential Inputs: These input pairs are the differential signal inputs to the
device. These inputs accept AC- or DC-coupled signals as small as 100mV
(200mVpp). Each pin of a pair internally terminates to a VT pin through 50Ω.
Please refer to the “Input Interface Applications” section for more details.
4, 9
VREF-AC0
VREF-AC1
Reference Voltage: These outputs bias to VCC –1.2V. They are used for AC-
coupling inputs IN and /IN. Connect VREF-AC directly to the corresponding VT pin.
Bypass with 0.01µF low ESR capacitor to VCC. Due to the limited drive capability,
the VREF-AC pin is only intended to drive its respective VT pin. Maximum
sink/source current is ±1.5mA. Please refer to the “Input Interface Applications”
section for more details.
3, 8
VT0, VT1
Input Termination Center-Tap: Each side of the differential input pair terminates
to a VT pin. The VT0 and VT1 pins provide a center-tap to a termination network
for maximum interface flexibility. Please refer to the “Input Interface Applications”
section for more details.
13, 15, 22, 23, 28
33, 34, 41, 43, 44
VCC
Positive Power Supply: Bypass with 0.1µF||0.01µF low ESR capacitors as close
to the VCC pins as possible.
40, 39
38, 37
36, 35
32, 31
30, 29
27, 26
25, 24
21, 20
19, 18
17, 16
Q0, /Q0
Q1, /Q1
Q2, /Q2
Q3, /Q3
Q4, /Q4
Q5, /Q5
Q6, /Q6
Q7, /Q7
Q8, /Q8
Q9, /Q9
Differential Outputs: These differential LVPECL outputs are a logic function of
the IN0, IN1, and SEL inputs. Please refer to the “Truth Table” below for details.
42
SEL
This single-ended TTL/CMOS-compatible input selects the inputs to the
multiplexer. Note that this input is internally connected to a 25kΩ pull-up resistor
and will default to logic HIGH state if left open. VTH = VCC/2.
1, 6, 11
GND,
Exposed Pad
Ground: Ground and exposed pad must be connected to the same ground
plane.
12
CAP
Power-On Reset (POR) initialization capacitor. When using the multiplexer with
RPE capability, this pin is tied to a capacitor to VCC. The purpose is to ensure the
internal RPE logic starts up in a known state. See “Power-On Reset (POR)
Description” section for more details regarding capacitor selection. If this pin is
tied directly to VCC, the RPE function will be disabled and the multiplexer will
function as a normal multiplexer. The CAP pin should never be left open or tied
directly to GND.
14
EN
Single-Ended Input: This TTL/CMOS input disables and enables the Q0-Q9
outputs. It is internally connected to a 25kΩ pull-up resistor and will default to a
logic HIGH state if left open. When disabled, CLK output goes LOW and /CLK
goes HIGH. EN being synchronous, outputs will be enabled/disabled when they
are in LOW state. Thus, a runt pulse is avoided if the device is enable/disabled
by an asynchronous control. VTH = VCC/2.
Truth Table
Inputs
Outputs
IN0
/IN0
IN1
/IN1
SEL
Q
/Q
0
1
X
X
0
0
1
1
0
X
X
0
1
0
X
X
0
1
1
0
1
X
X
1
0
1
1
0


Similar Part No. - SY89464UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89464UMYTR MICREL-SY89464UMYTR Datasheet
720Kb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt
More results

Similar Description - SY89464UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89843U MICREL-SY89843U Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89465U MICREL-SY89465U Datasheet
2Mb / 19P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89465U MICREL-SY89465U_10 Datasheet
771Kb / 20P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89845U MICREL-SY89845U Datasheet
608Kb / 18P
   PRECISION CML RUNT PULSE ELIMINATOR 2:1 MUX WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89844U MICREL-SY89844U Datasheet
579Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
SY89837U MICREL-SY89837U Datasheet
183Kb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89837U MICREL-SY89837U_10 Datasheet
1Mb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89843U MICREL-SY89843U_10 Datasheet
688Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1
SY89840U MICREL-SY89840U_10 Datasheet
616Kb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com