Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89465UMG Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY89465UMG
Description  Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89465UMG Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY89465UMG Datasheet HTML 3Page - Micrel Semiconductor SY89465UMG Datasheet HTML 4Page - Micrel Semiconductor SY89465UMG Datasheet HTML 5Page - Micrel Semiconductor SY89465UMG Datasheet HTML 6Page - Micrel Semiconductor SY89465UMG Datasheet HTML 7Page - Micrel Semiconductor SY89465UMG Datasheet HTML 8Page - Micrel Semiconductor SY89465UMG Datasheet HTML 9Page - Micrel Semiconductor SY89465UMG Datasheet HTML 10Page - Micrel Semiconductor SY89465UMG Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Micrel, Inc.
SY89465U
December 2005
M9999-120105-A
hbwhelp@micrel.com or (408) 955-1690
7
AC Electrical Characteristics(7)
VCC = 2.5V ±5%; RL = 100Ω across the output pair; TA = –40°C to + 85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
VOUT ≥ 200mV, Clock
1.5
2.0
GHz
Differential Propagation Delay
In-to-Q
100mV < VIN ≤ 200mV
(8)
550
800
1200
ps
In-to-Q
200mV < VIN ≤ 800mV
(8)
500
700
1100
ps
SEL-to-Q
RPE enabled, see Timing Diagram
17
cycles
tpd
SEL-to-Q
RPE disabled (VSEL = VCC/2)
600
1200
ps
tPD
Tempco
Differential Propagation Delay
Temperature Coefficient
500
fs/
oC
tS EN
Set-up Time
EN-to-CLK
Note 9
0
ps
tH EN
Hold Time
CLK-to-EN
Note 9
650
ps
Output-to-Output Skew
Note 10
5
25
ps
tSKEW
Part-to-Part Skew
Note 11
300
ps
Clock
Random Jitter
Note 12
1
psRMS
Cycle-to-Cycle Jitter
Note 13
1
psRMS
Total Jitter
Note 14
10
psPP
tJITTER
Crosstalk-Induced Jitter
Note 15
0.7
psRMS
tr, tf
Output Rise/Fall Time (20% to 80%)
At full output swing.
70
120
220
ps
Notes:
7. High-frequency AC-parameters are guaranteed by design and characterization.
8. Propagation delay is measured with input tr, tf ≤ 300ps (20% to 80%) and VIL ≥ 800mV. The propagation delay is function of the rise and
fall times at IN. See “Typical Operating Characteristics” for details.
9. Set-up and hold times apply to synchronous applications that intend to enable/disable before the next clock cycle. For asynchronous
applications, set-up and hold do not apply.
10. Output-to-Output skew is measured between two different outputs under identical transitions.
11. Part-to-Part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at
the respective inputs.
12. Random Jitter is measured with a K28.7 character pattern, measured at <fMAX.
13. Cycle-to-Cycle Jitter definition: the variation of periods between adjacent cycles, Tn – Tn-1 where T is the time between rising edges of the
output signal.
14. Total Jitter definition: with an ideal clock input of frequency <fMAX, no more than one output edge in 10
12 output edges will deviate by more
than the specified peak-to-peak jitter value.
15. Crosstalk is measured at the output while applying two similar differential clock frequencies that are asynchronous with respect to each
other at the inputs.


Similar Part No. - SY89465UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89465UMY MICREL-SY89465UMY Datasheet
771Kb / 20P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89465UMYTR MICREL-SY89465UMYTR Datasheet
771Kb / 20P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
More results

Similar Description - SY89465UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89465U MICREL-SY89465U_10 Datasheet
771Kb / 20P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89844U MICREL-SY89844U Datasheet
579Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89464U MICREL-SY89464U Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89843U MICREL-SY89843U Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89845U MICREL-SY89845U Datasheet
608Kb / 18P
   PRECISION CML RUNT PULSE ELIMINATOR 2:1 MUX WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
SY89844U MICREL-SY89844U_10 Datasheet
596Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
SY89837U MICREL-SY89837U Datasheet
183Kb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89845U MICREL-SY89845U_10 Datasheet
602Kb / 18P
   Precision CML Runt Pulse Eliminator 2:1 MUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com