Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89533LHC Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY89533LHC
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89533LHC Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY89533LHC Datasheet HTML 3Page - Micrel Semiconductor SY89533LHC Datasheet HTML 4Page - Micrel Semiconductor SY89533LHC Datasheet HTML 5Page - Micrel Semiconductor SY89533LHC Datasheet HTML 6Page - Micrel Semiconductor SY89533LHC Datasheet HTML 7Page - Micrel Semiconductor SY89533LHC Datasheet HTML 8Page - Micrel Semiconductor SY89533LHC Datasheet HTML 9Page - Micrel Semiconductor SY89533LHC Datasheet HTML 10Page - Micrel Semiconductor SY89533LHC Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Precision Edge®
SY89532/33L
Micrel, Inc.
M9999-110405
hbwhelp@micrel.com or (408) 955-1690
TIMING DIAGRAMS
Conditions: Internal VCO, unless otherwise stated.
tHOLD_FSEL
VCO
FSEL
FOUT
OUT_SYNC
tOUTPUT_SYNC
010
TIME
001
tSETUP_FSEL
tOUTPUT_RESET
Frequency Programming (Internal VCO Clock)
tHOLD_FSEL
VCO
FSEL
FOUT
OUT_SYNC
tOUTPUT_SYNC
010
TIME
001
tSETUP_FSEL
tOUTPUT_RESET
Frequency Programming (External VCO Clock)
VCO
FSEL
FOUT
OUT_SYNC
fSEL to VALID
OUTPUT TRANSITION TIME
010
TIME
001
Output Frequency Update to Valid Output


Similar Part No. - SY89533LHC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89533LHC MICREL-SY89533LHC Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89533LHCTR MICREL-SY89533LHCTR Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
More results

Similar Description - SY89533LHC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89534L MICREL-SY89534L_08 Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L_08 Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_05 Datasheet
103Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_08 Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L_08 Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
SY89537L MICREL-SY89537L Datasheet
826Kb / 19P
   3.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com