Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89533LHC Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89533LHC
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89533LHC Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89533LHC Datasheet HTML 5Page - Micrel Semiconductor SY89533LHC Datasheet HTML 6Page - Micrel Semiconductor SY89533LHC Datasheet HTML 7Page - Micrel Semiconductor SY89533LHC Datasheet HTML 8Page - Micrel Semiconductor SY89533LHC Datasheet HTML 9Page - Micrel Semiconductor SY89533LHC Datasheet HTML 10Page - Micrel Semiconductor SY89533LHC Datasheet HTML 11Page - Micrel Semiconductor SY89533LHC Datasheet HTML 12Page - Micrel Semiconductor SY89533LHC Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Precision Edge®
SY89532/33L
Micrel, Inc.
M9999-110405
hbwhelp@micrel.com or (408) 955-1690
Crystal Input and Oscillator Interface
The SY89532/33L features a fully integrated on-board
oscillator to minimize system implementation costs. The
oscillator is a series resonant, multivibrator type design, and
thus, a series-resonant crystal is preferred, but not required.
A parallel-resonant crystal can be used with the SY89532/
33L with only a minor error in the desired frequency. A parallel-
resonant mode crystal used in a series resonant circuit will
exhibit a frequency of oscillation a few hundred ppm lower
than specified, a few hundred ppm translates to kHz
inaccuracies. In a general computer application this level of
inaccuracy is immaterial.
As the oscillator is somewhat sensitive to loading on its
inputs, the user is advised to mount the crystal as close to the
SY89532/33L as possible to avoid any board level parasitics.
In addition, trace lengths should be matched. Figure 2 shows
how to interface with a crystal. Table 1 illustrates the crystal
specifications. Certain crystals may require a 10pf capacitor
across XTAL1 and XTAL2 for proper operation. This is normally
not required, but it is recommended that provisions be made
for it.
SY89532/33L
XTAL2
(Pin 26, SOIC)
XTAL1
(Pin 25, SOIC)
XTAL
16.666MHz
Quartz Crystal Selection:
(1) Raltron Series Resonant: AS-16.666-S-SMD-T-MI
(2) Raltron Parallel Resonant: AS-16.666-18-SMD-T-MI
Optional
Figure 2. Crystal Interface
Table 1. Quartz Crystal Oscillator Specifications
OUTPUT FREQUENCY: 14MHz-18MHz
MODE OF OSCILLATION: FUNDAMENTAL
Min.
Typ.
Max.
Unit
Frequency Tolerance @25
°C
±30
±50
PPM
Frequency Stability over 0
°C to 70°C
±50
±100
ppm
Operating Temperature Range
–20
+70
°C
Storage Temperature Range
–55
+125
°C
Aging (per yr/1st 3yrs)
——
±5
ppm
Load Capacitance
18 (or series)
pF
Equivalent Series Resistance (ESR)
——
50
Drive Level
100
µW
External Loop Filter Considerations
The SY89532/33L features an external PLL loop filter that
allows the user to tailor the PLL’s behavior to their application
and operating environment. We recommend using ceramic
capacitors with NPO or X7R dielectric, as they have very low
effective series resistance. For applications that require ultra-
low cycle-to-cycle jitter, use the components shown in Figure
3. The PLL loop bandwidth is a function of feedback divider
ratio, and the external loop filter allows the user to compensate.
For instance, the PLL’s loop bandwidth can be decreased by
using a smaller resistor in the loop filter. This results in less
noise from the PLL input, but potentially more noise from the
VCO. Refer to “AC Electrical Characteristics” for target PLL
loop bandwidth. The designer should take care to keep the
loop filter components on the same side of the board and as
close as possible to the SY89532/33L’s LOOP_REF and
LOOP_FILTER pins. To insure minimal noise pick up on the
loop filter, it is desirable to cut away the ground plane directly
underneath the loop filter component pads and traces.
However, the benefit may not be significant in all applications
and one must be careful to not alter the characteristic
impedance of nearby traces.
C2
470pF
Loop
Filter
Loop
Reference
R1
330
C1
0.2µF
Figure 3. External Loop Filter Connection


Similar Part No. - SY89533LHC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89533LHC MICREL-SY89533LHC Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89533LHCTR MICREL-SY89533LHCTR Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
More results

Similar Description - SY89533LHC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89534L MICREL-SY89534L_08 Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L_08 Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_05 Datasheet
103Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_08 Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L_08 Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
SY89537L MICREL-SY89537L Datasheet
826Kb / 19P
   3.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com