Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89543LMI Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89543LMI
Description  3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89543LMI Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89543LMI Datasheet HTML 1Page - Micrel Semiconductor SY89543LMI Datasheet HTML 2Page - Micrel Semiconductor SY89543LMI Datasheet HTML 3Page - Micrel Semiconductor SY89543LMI Datasheet HTML 4Page - Micrel Semiconductor SY89543LMI Datasheet HTML 5Page - Micrel Semiconductor SY89543LMI Datasheet HTML 6Page - Micrel Semiconductor SY89543LMI Datasheet HTML 7Page - Micrel Semiconductor SY89543LMI Datasheet HTML 8Page - Micrel Semiconductor SY89543LMI Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Precision Edge®
SY89543L
Micrel, Inc.
M9999-071505
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Supply Voltage (VCC) ................................. –0.5V to +4.0V
Input Voltage (VIN) ........................................ –0.5V to VCC
Termination Current(3)
Source or sink current on VT ..................................... ±100mA
Input Current
Source or sink current on IN, /IN ..........................
±50mA
Lead Temperature (soldering, 20 sec.) ................... +260
°C
Storage Temperature (TS) ....................... -65°C to +150°C
Operating Ratings(2)
Supply Voltage (VCC) ..................................... 3.0V to 3.6V
Ambient Temperature (TA) ........................ –40°C to +85°C
Package Thermal Resistance(4)
MLF™ (
θ
JA)
Still-Air ................................................................ 35
°C/W
500lfpm .............................................................. 28
°C/W
MLF™ (
ψ
JB)
Junction-to-Board ............................................... 20
°C/W
TA = –40°C to +85°C; Unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply
3.0
3.3
3.6
V
ICC
Power Supply Current
No Load, Max. VCC
(6)
66
88
mA
RDIFF_IN
Differential Input Resistance
80
100
120
(IN-to-/IN)
RIN
Input Resistance
40
50
60
(IN-to-VT, /IN-to-VT)
VIH
Input High Voltage (IN, /IN)
Note 7
VCC–1.6
VCC
V
VIL
Input Low Voltage (IN, /IN)
Note 7
0VIH–0.1
V
VIN
Input Voltage Swing (IN, /IN)
Notes 7, 8
100
VCC
mV
VDIFF_IN
Differential Input Voltage Swing
Notes 7, 8
200
2
×V
CC
mV
|IN - /IN|
IN-to-VT
Voltage from Input to VT
1.8
V
Notes:
1. Permanent device damage may occur if “Absolute Maximum Ratings” are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to “Absolute Maximum Ratings” conditions
for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Due to the limited drive capability use for input of the same package only.
4. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential on the PCB.
Ψ
JB uses 4-layer
θ
JA in still air unless otherwise stated.
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
6. Includes current through internal 50
Ω pull-ups.
7. VIH(min) not lower than 1.2V.
8. See “Operating Characteristics” section for VIN and VDIFF_IN definition.
DC ELECTRICAL CHARACTERISTICS(5)


Similar Part No. - SY89543LMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89543LMI MICREL-SY89543LMI Datasheet
173Kb / 10P
   3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
SY89543LMITR MICREL-SY89543LMITR Datasheet
173Kb / 10P
   3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
More results

Similar Description - SY89543LMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89543L MICREL-SY89543L_08 Datasheet
173Kb / 10P
   3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
SY89542U MICREL-SY89542U_07 Datasheet
346Kb / 10P
   2.5V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89542U MICREL-SY89542U Datasheet
168Kb / 9P
   2.5Vm 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89545L MICREL-SY89545L_08 Datasheet
165Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89545L MICREL-SY89545L Datasheet
160Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89547L MICREL-SY89547L_09 Datasheet
218Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89547L MICREL-SY89547L Datasheet
685Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89544U MICREL-SY89544U Datasheet
311Kb / 10P
   2.5V, 3.2Gbps, DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH INTERNAL INPUT TERMINATION
SY89546U MICREL-SY89546U Datasheet
184Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89546U MICREL-SY89546U_08 Datasheet
161Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com