Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89535L Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY89535L
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89535L Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY89535L Datasheet HTML 4Page - Micrel Semiconductor SY89535L Datasheet HTML 5Page - Micrel Semiconductor SY89535L Datasheet HTML 6Page - Micrel Semiconductor SY89535L Datasheet HTML 7Page - Micrel Semiconductor SY89535L Datasheet HTML 8Page - Micrel Semiconductor SY89535L Datasheet HTML 9Page - Micrel Semiconductor SY89535L Datasheet HTML 10Page - Micrel Semiconductor SY89535L Datasheet HTML 11Page - Micrel Semiconductor SY89535L Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Precision Edge®
SY89536L
Micrel, Inc.
M9999-110405
hbwhelp@micrel.com or (408) 955-1690
FUNCTIONAL BLOCK DIAGRAM
Pre
Divider
1, 2, 4, 8
4
5
6
7
8
VCC—1.425V
Reference
or
Bandgap
Reference
Charge
Pump
Phase
Detector
12
13
14
62
61
64
63
23
1
60
58
57
56
54
53
52
51
3-Bit
Divider A
2, 4, 6, 8,
10, 12,18
PSEL0
VCO_SEL
PESL1
LOOPREF
LOOPFILTER
VBB_REF
(MSB) M3
3
2x
9x
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
29
28
27
26
25
24
23
22
21
20
19
18
3
VCO
(600MHz to
1000MHz)
14MHz to
20MHz
14MHz to 20MHz
QB0
/QB0
QB1
/QB1
QB2
/QB2
QB3
/QB3
QB4
/QB4
QB5
/QB5
QB6
/QB6
QB7
/QB7
QB8
/QB8
59
31
30
VCCOB
VCCOB
55
A
EN
B
EN
3-Bit
Divider B
2, 4, 6, 8,
10, 12, 18
3-Bit
Divider C
2, 4, 6, 8,
10, 12, 18
C
EN
M-Divide
30, 32, 34, 36, 38,
40, 42, 44, 48, 50,
52, 54, 56, 60, 62, 66
9
GND
10
REFCLK
11
/REFCLK
Mux 1
Clock
17
3
Buf
5
4
0 = Use Internal PLL
1 = Bypass Internal PLL (default)
600MHz to
1000MHz
2x
M2
15
16
M1
(LSB) M0


Similar Part No. - SY89535L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89535L MICREL-SY89535L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89535L MICREL-SY89535L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89535L MICREL-SY89535L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89535L MICREL-SY89535L Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89535LHC MICREL-SY89535LHC Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
More results

Similar Description - SY89535L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89536L MICREL-SY89536L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_08 Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L_08 Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L_08 Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L_08 Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com