Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89533LHH Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY89533LHH
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89533LHH Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY89533LHH Datasheet HTML 4Page - Micrel Semiconductor SY89533LHH Datasheet HTML 5Page - Micrel Semiconductor SY89533LHH Datasheet HTML 6Page - Micrel Semiconductor SY89533LHH Datasheet HTML 7Page - Micrel Semiconductor SY89533LHH Datasheet HTML 8Page - Micrel Semiconductor SY89533LHH Datasheet HTML 9Page - Micrel Semiconductor SY89533LHH Datasheet HTML 10Page - Micrel Semiconductor SY89533LHH Datasheet HTML 11Page - Micrel Semiconductor SY89533LHH Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Precision Edge®
SY89532/33L
Micrel, Inc.
M9999-110405
hbwhelp@micrel.com or (408) 955-1690
FUNCTIONAL DESCRIPTION
At the core of the SY89532/33L clock synthesizer is a
precision PLL driven by 14MHz to 18MHz series resonant
crystal. For users who wish to supply a TTL or LVPECL clock
input, please use the SY89534L or SY89535L. The PLL
output is sent to three banks of outputs. Each bank has its own
programmable frequency divider, and the design is optimized
to provide very low skew between banks, and very low jitter.
PLL Programming and Operation
IMPORTANT: If the internal VCO will be used, VCO_SEL
must be tied LOW, and ExtVCO pins can be left unconnected.
The internal VCO range is 600MHz to 1000MHz, and the
feedback ratio is selectable via the MSEL divider control (M3:0
pins). If the designer wishes to use the internal VCO, the
VCO_SEL pin must be tied low. The feedback ratio can be
changed without powering the chip down. The PLL output is
fed to three banks of outputs: Bank A, Bank B, and Bank C.
Banks A and C each have two differential LVPECL output
pairs. Bank B has nine differential output pairs. On the
SY89532L, Bank B is LVPECL. On the SY89533L, Bank B is
LVDS.
Each bank has a separate frequency divider circuit that can
be reprogrammed on the fly. The FSEL_x0:2 (where x is A,B,
or C) pins control the divider value. The FSEL divider can be
programmed in ratios from 2 to 18, and the outputs of Banks
A,B, and C can be synchronized after programming by pulsing
the OUT_SYNC pin HIGH-LOW-HIGH.
To determine the correct settings for SY89532/33L follow
these steps:
1. Refer to the "Suggested Selections for Specific
Customer Applications" section for common applications,
as well as the formula used to compute the output
frequency.
2. Determine the desired output frequency, such as
66MHz.
3. Choose a crystal frequency between 14MHz and 18MHz.
In this example, we choose 18MHz for the crystal
frequency. This results in an input/output ratio of 66/18.
4. Refer to the "Feedback Divide Select Table" and the
"Post-Divide Frequency Select Table" to find values for
MSEL and FSEL such that MSEL/FSEL equals the same
66/18 ratio. In this example, values of MSEL=44 and
FSEL=12 work.
5. Make sure that XTAL (the crystal frequency) multiplied
by MSEL is between 600MHz and 1000MHz.
The user may need to experiment with different crystal
frequencies to satisfy these requirements.
External VCO Operation
If the designer wishes to use an external VCO, the VCO_SEL
pin can be left floating or tied HIGH, and the external VCO
signal is connected to the ExtVCO differential input pair. The
ExtVCO input structure is designed to accept many popular
logic types. See “Input Interface for ExtVCO Pins” section for
interface diagrams. A SONET OC-48 compliant 622.08MHz
clock is a good example of an application requiring an external
VCO. For this application, use a VCXO to supply the
1244.16MHz. to the ExtVCO pins, and set VCO_SEL to HIGH.
To save power and reduce noise, the internal VCO is shut
down when VCO_SEL is HIGH.
ExtVCO Input Interface
The flexible ExtVCO inputs are designed to accept any
differential or single-ended input signal within 300mV above
VCC and 300mV below ground.
Do not leave unused ExtVCO inputs floating. Tie either the
true or complement inputs to ground, but not both. A logic zero
is achieved by connecting the complement input to ground
with the true input floating. For a TTL input, tie a 2.5k
Ω resistor
between the complement input and ground. See “Input Interface
for ExtVCO Pins” section, Figures 5a through 5j.
Input Levels
LVDS, CML and HSTL differential signals may be connected
directly to the ExtVCO inputs. Depending on the actual worst
case voltage seen, the minimum input voltage swing varies as
illustrated in the following table:
Input Voltage Range
Minimum Voltage Swing
0 to 2.4V
100mV
0 to VCC +0.3
200mV
R2
1.5k
R2
1.5k
R1
1.05k
R1
1.05k
GND
EXTVCO
VCC
/EXTVCO
Figure 1. Simplified Input Structure


Similar Part No. - SY89533LHH

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89533LHC MICREL-SY89533LHC Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89533LHCTR MICREL-SY89533LHCTR Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89533LHZ MICREL-SY89533LHZ Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89533LHZTR MICREL-SY89533LHZTR Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
More results

Similar Description - SY89533LHH

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89534L MICREL-SY89534L_08 Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L_08 Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_05 Datasheet
103Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_08 Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L_08 Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
SY89537L MICREL-SY89537L Datasheet
826Kb / 19P
   3.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com