Part Name
         Description
SY89808L

 3.3V, 500MHz, 1:9 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR ( 8 Page)


MICREL
100% 
Zoom Out Zoom In
   
 6 page
background image
6
Precision Edge®
SY89808L
Micrel, Inc.
M9999-091405
hbwhelp@micrel.com or (408) 955-1690
TYPICAL OPERATING CHARACTERISTICS
VCCI = 3.0V, VCCO = 1.8V, TA = 25°C, unless otherwise stated.
TIME (300ps/div)
Q
/Q
500MHz Output
TIME (700ps/div)
/Q
Q
200MHz Output
TIME (300ps/div)
/Q
Q
400MHz Output
1  2  3  4  5  6  7  8 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC10EP113.3V / 5V ECL 1:2 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
MC100LVEL11_063.3V ECL 1:2 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
NB6L6112.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
MC10EP11_063.3V / 5V ECL 1:2 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
SY89536L3.3V PRECISION 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER 1 2 3 4 5 MoreMicrel Semiconductor
SY89536L_053.3V PRECISION 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER 1 2 3 4 5 MoreMicrel Semiconductor
SY89531L3.3V PRECISION 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER 1 2 3 4 5 MoreMicrel Semiconductor
MC100EP809_063.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 1 2 3 4 5 MoreON Semiconductor
MC100LVE111_063.3V ECL 1:9 Differential Clock Driver 1 2 3 4 5 MoreON Semiconductor
SY89828L3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX 1 2 3 4 5 MoreMicrel Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl