Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR1296 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CR1296
Description  Triple video driver hybrid amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CR1296 Datasheet(HTML) 2 Page - NXP Semiconductors

  CR1296 Datasheet HTML 1Page - NXP Semiconductors CR1296 Datasheet HTML 2Page - NXP Semiconductors CR1296 Datasheet HTML 3Page - NXP Semiconductors CR1296 Datasheet HTML 4Page - NXP Semiconductors CR1296 Datasheet HTML 5Page - NXP Semiconductors CR1296 Datasheet HTML 6Page - NXP Semiconductors CR1296 Datasheet HTML 7Page - NXP Semiconductors CR1296 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Jul 09
2
Philips Semiconductors
Product specification
Triple video driver hybrid amplifier
CR1296
FEATURES
• Cascode configuration
• Typical voltage gain of 15
• Directly driven by pre-amplifier: no buffer required
• Typical transition times (10 to 90%) with CL =10pF
at 50 V(p-p swing: tr = 5 ns; tf = 2.5 ns
• Typical small signal bandwidth 140 MHz
• Suited for both AC and DC coupling.
APPLICATIONS
• Cathode-ray tube (CRT) drivers in high-resolution colour
monitors.
DESCRIPTION
Hybrid amplifier module in cascode configuration
comprising three video amplifiers in a SOT454A package.
PINNING - SOT454A
PIN
DESCRIPTION
1
input A
2
compensation A
3
output A
4
ground
5
output B
6
compensation B
7
input B
8
supply voltage 1 (VS1) (8 V)
9
ground
10
supply voltage 2 (VS2) (8 V)
11
input C
12
compensation C
13
output C
14
supply voltage 3 (VS3) (80 V)
Fig.1 Simplified outline (SOT454A).
handbook, halfpage
MBK101
1
14
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. The module flange is the mounting base.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VS1
power supply voltage (DC)
10
V
VS2
power supply voltage (DC)
10
V
VS3
power supply voltage (DC)
90
V
Tmb
operating mounting base temperature
note 1
−20
+100
°C
Tstg
storage temperature
−40
+125
°C


Similar Part No. - CR1296

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR12 ETC1-CR12 Datasheet
168Kb / 4P
   TAD THICK FILM CHIP RESISTORS
logo
RFE international
CR12 RFE-CR12 Datasheet
63Kb / 1P
   FILM RESISTORS CR Series: Carbon Film
CR12 RFE-CR12 Datasheet
15Mb / 3P
   FILM RESISTORS
2020.01.29
logo
Central Semiconductor C...
CR12-010 CENTRAL-CR12-010 Datasheet
62Kb / 1P
   Rectifiers, General Purpose
CR12-020 CENTRAL-CR12-020 Datasheet
62Kb / 1P
   Rectifiers, General Purpose
More results

Similar Description - CR1296

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CR6928 PHILIPS-CR6928 Datasheet
61Kb / 8P
   Triple video driver hybrid amplifier
1998 Jul 03
CR5427 PHILIPS-CR5427 Datasheet
60Kb / 8P
   Triple video driver hybrid amplifier
1997 Oct 21
CR6728A PHILIPS-CR6728A Datasheet
62Kb / 8P
   Triple video driver hybrid amplifier
1998 Jul 03
CR6927A PHILIPS-CR6927A Datasheet
59Kb / 8P
   Triple video driver hybrid amplifier
1998 Feb 12
CR6928A PHILIPS-CR6928A Datasheet
61Kb / 8P
   Triple video driver hybrid amplifier
1998 Jul 03
CR6929A PHILIPS-CR6929A Datasheet
61Kb / 8P
   Triple video driver hybrid amplifier
1998 Sep 21
CR5527S PHILIPS-CR5527S Datasheet
51Kb / 12P
   Triple video driver hybrid amplifier
1995 Apr 05
CR6627 PHILIPS-CR6627 Datasheet
51Kb / 12P
   Triple video driver hybrid amplifier
1995 Apr 04
CR6929 PHILIPS-CR6929 Datasheet
61Kb / 8P
   Triple video driver hybrid amplifier
1998 Sep 21
CR6727A PHILIPS-CR6727A Datasheet
53Kb / 8P
   Triple video driver hybrid amplifier
1998 Feb 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com