Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-729.0D Datasheet(PDF) 3 Page - Recom International Power

Part # R-729.0D
Description  2, 3, 4 AMP SIP12 Vertical & Horizontal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-729.0D Datasheet(HTML) 3 Page - Recom International Power

  R-729.0D Datasheet HTML 1Page - Recom International Power R-729.0D Datasheet HTML 2Page - Recom International Power R-729.0D Datasheet HTML 3Page - Recom International Power R-729.0D Datasheet HTML 4Page - Recom International Power R-729.0D Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
R-7xxxP_D
Series
Output Current vs Input Voltage
INNOLINE
DC/DC-Converter
90
60
20
40
1.4
1
0.5
Internal Power Dissipation (W)
0
80
85
How to calculate the max output current
The internal power dissipation(PD)follows the equation:
PD = Io × Vo × (1-
η)
Io = PD / Vo × (1-
η)
Where
PD = Internal power dissipation
Io = Output current
Vo = Output voltage
η = Efficiency
Example: R-745.0P , at Vin = 28Vdc , Vo = 5Vdc ,
η=91% (see "Selection Guide" table)
(a) When Ta = 60°C , PD = 1.4 Watt (see beside diagram)
Io = 1.4(W) / 5(V) × (1-0.91) = 3.11(A)
(b) When Ta = 85°C , PD = 1 Watt (see beside diagram)
Io = 1(W) / 5(V) × (1-0.91) = 2.222(A)
(c) At Vin = 12Vdc efficiency = 94% (see "Selection Guide" table)
When Ta = 85°C , PD = 1 Watt (see beside diagram)
Io = 1(W) / 5(V) × (1-0.94) =3.33(A)
Characteristics
50
5
Ripple Vs Vin
Vo=9V
Vo=3.3V
Vo=5V
Vo=12V
25
Vin ( V )
10
15
20
25
28
Vo=6.5V
Vo=15V
( Vo )
100
5
Ripple Vs Vin
3.3V
5V
50
Vin ( V )
10
15
20
25
28
6.5V
( Vo )
R-72xx / R-73xx
Ripple VS Vin
R-74xx
Ripple VS Vin
100
5
Efficiency Vs Vin
3.3V
5V
50
Vin ( V )
10
15
20
25
28
6.5V
15V
( Vo )
100
5
Efficiency Vs Vin
Vo=3.3V
Vo=5V
50
Vin ( V )
10
15
20
25
28
Vo=6.5V
( Vo )
R-72xx / R-73xx
Efficiency VS Vin
R-74xx
Efficiency VS Vin
100
14
2
3
90
Efficiency Vs Iout (Vin=Min)
80
70
6.5V
3.3V
5.0V
( Vo )
100
14
2
3
90
Efficiency Vs Iout (Vin=Max)
80
60
15V
3.3V
5.0V
( Vo )
R-72xx / R-73xx / R-74xx
Efficiency / Load Vin=Min
R-72xx / R-73xx / R-74xx
Efficiency / Load Vin=Max
27-March-2007
167
www.recom-international.com


Similar Part No. - R-729.0D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-729.0D RECOM-R-729.0D Datasheet
90Kb / 5P
   INNOLINE DC/DC-Converter
R-729.0D RECOM-R-729.0D Datasheet
113Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-729.0D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-723.3P RECOM-R-723.3P_16 Datasheet
113Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_07 Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_16 Datasheet
105Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_16 Datasheet
91Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_07 Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
logo
PEAK electronics GmbH
PZ8GG-0505ZH30 PEAK-PZ8GG-0505ZH30 Datasheet
178Kb / 2P
   PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
logo
New Jersey Semi-Conduct...
UT2005 NJSEMI-UT2005 Datasheet
92Kb / 2P
   Standard Recovery, 2 Amp to 4 Amp
logo
PEAK electronics GmbH
PS10GG-1205E21H10 PEAK-PS10GG-1205E21H10 Datasheet
203Kb / 3P
   PS10GG-XXXXE2:1H10 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT SIP12
PZ8GG-0505EH30 PEAK-PZ8GG-0505EH30 Datasheet
179Kb / 2P
   PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
logo
Belden Inc.
1227A1 BELDEN-1227A1 Datasheet
162Kb / 2P
   Category 3 Horizontal Cable, 2 Pair, U/UTP, CMR
2022 Belden, Inc
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com