Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89827LHY Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89827LHY
Description  3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89827LHY Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY89827LHY Datasheet HTML 2Page - Micrel Semiconductor SY89827LHY Datasheet HTML 3Page - Micrel Semiconductor SY89827LHY Datasheet HTML 4Page - Micrel Semiconductor SY89827LHY Datasheet HTML 5Page - Micrel Semiconductor SY89827LHY Datasheet HTML 6Page - Micrel Semiconductor SY89827LHY Datasheet HTML 7Page - Micrel Semiconductor SY89827LHY Datasheet HTML 8Page - Micrel Semiconductor SY89827LHY Datasheet HTML 9Page - Micrel Semiconductor SY89827LHY Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Precision Edge®
SY89827L
Micrel, Inc.
M9999-011907
hbwhelp@micrel.com or (408) 955-1690
LVPECL Input: V
CCI = 3.3V ±5%, TA = –40°C to +85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IH
Input HIGH Voltage (Single-Ended)
V
CCI –1.165
V
CCI –0.880
V
V
IL
Input LOW Voltage
V
CCI –1.945
V
CCI –1.625
V
V
PP
Minimum Input Swing (LVPECL_CLK)
Note 6
300
mV
V
CMR
Common Mode Range (LVPECL_CLK)
Note 7
GNDI +1.8
V
CCI –0.4
V
I
IH
Input HIGH Current
150
µA
I
IL
Input LOW Current
0.5
µA
Note 6.
The VPP (min.) is defined as the minimum input differential voltage which will cause no increase in the propagation delay.
Note 7.
VCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay specification. The
numbers in the table are referenced to VCCI. The VIL level must be such that the peak-to-peak voltage is less than 1.0V and greater than or
equal to VPP (min.). VCMR range varies 1:1 with VCCI. VCMR (min) is fixed at GNDI +1.8V
CMOS/LVTTL Inputs: V
CCI = 3.3V ±5%, VCCO = 1.8V ±10%, TA = –40°C to +85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IH
Input HIGH Voltage
2.0
V
V
IL
Input LOW Voltage
0.8
V
I
IH
Input HIGH Current
+20
–250
µA
I
IL
Input LOW Current
–600
µA
DC ELECTRICAL CHARACTERISTICS


Similar Part No. - SY89827LHY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89827LHY MICREL-SY89827LHY Datasheet
560Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
SY89827LHYTR MICREL-SY89827LHYTR Datasheet
560Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
More results

Similar Description - SY89827LHY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89827L MICREL-SY89827L_10 Datasheet
560Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
SY89808L MICREL-SY89808L Datasheet
131Kb / 8P
   3.3V, 500MHz, 1:9 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823L MICREL-SY89823L Datasheet
121Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89828L MICREL-SY89828L Datasheet
129Kb / 13P
   3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89823L MICREL-SY89823L_08 Datasheet
123Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89828L MICREL-SY89828L_08 Datasheet
163Kb / 13P
   3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89826L MICREL-SY89826L Datasheet
122Kb / 10P
   3.3V 1GHz PRECISION 1:22 LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89834U MICREL-SY89834U_05 Datasheet
114Kb / 10P
   2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
logo
ON Semiconductor
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com