Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX399-C18 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BZX399-C18
Description  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX399-C18 Datasheet(HTML) 5 Page - NXP Semiconductors

  BZX399-C18 Datasheet HTML 1Page - NXP Semiconductors BZX399-C18 Datasheet HTML 2Page - NXP Semiconductors BZX399-C18 Datasheet HTML 3Page - NXP Semiconductors BZX399-C18 Datasheet HTML 4Page - NXP Semiconductors BZX399-C18 Datasheet HTML 5Page - NXP Semiconductors BZX399-C18 Datasheet HTML 6Page - NXP Semiconductors BZX399-C18 Datasheet HTML 7Page - NXP Semiconductors BZX399-C18 Datasheet HTML 8Page - NXP Semiconductors BZX399-C18 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1999 Jun 04
5
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX399 series
Table 2
Per type BZX399-C16 to C43
Tj =25 °C unless otherwise specified.
Note
1.
∆V
Z =VZ at 100 µA minus VZ at 10 µA.
THERMAL CHARACTERISTICS
Notes
1. Device mounted on a FR4 printed circuit-board.
2. Soldering point of the cathode tab.
BZX399- C
XXX
WORKING
VOLTAGE
VZ (V)
IZ =50 µA
VOLTAGE
CHANGE
∆VZ(V)
(note 1)
TEMP. COEFF.
SZ (mV/K)
IZ =50 µA
(see Fig.4)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
VR =0V
NON-REPETITIVE PEAK
REVERSE CURRENT
IZSM (A) at tp = 100 µs;
Tamb =25 °C
Tol.
±5%
MIN.
MAX.
MAX.
TYP.
MAX.
MAX.
16
15.20
16.80
0.16
11.4
95
1.5
18
17.10
18.90
0.18
13.3
95
1.5
20
19.00
21.00
0.20
15.3
90
1.5
22
20.90
23.10
0.22
17.2
85
1.25
24
22.80
25.20
0.24
19.2
80
1.25
27
25.65
28.35
0.27
22.0
75
1.0
30
28.50
31.50
0.30
25.2
65
1.0
33
31.35
34.65
0.30
28.5
60
0.9
36
34.20
37.80
0.30
32.0
60
0.8
39
37.05
40.95
0.30
35.1
60
0.7
43
40.85
45.15
0.30
39.4
55
0.6
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
415
K/W
Rth j-s
thermal resistance from junction to soldering point note 2
110
K/W


Similar Part No. - BZX399-C18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BZX39 ETC1-BZX39 Datasheet
105Kb / 3P
   SILICON EPITAXIAL PLANAR TYPE
logo
Diotech Company.
BZX39 DIOTECH-BZX39 Datasheet
1Mb / 3P
   1.3W EPITAXIAL ZENER DIODE
More results

Similar Description - BZX399-C18

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com