Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89831U Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89831U
Description  ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89831U Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89831U Datasheet HTML 3Page - Micrel Semiconductor SY89831U Datasheet HTML 4Page - Micrel Semiconductor SY89831U Datasheet HTML 5Page - Micrel Semiconductor SY89831U Datasheet HTML 6Page - Micrel Semiconductor SY89831U Datasheet HTML 7Page - Micrel Semiconductor SY89831U Datasheet HTML 8Page - Micrel Semiconductor SY89831U Datasheet HTML 9Page - Micrel Semiconductor SY89831U Datasheet HTML 10Page - Micrel Semiconductor SY89831U Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Precision Edge®
SY89831U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
INPUT INTERFACE APPLICATIONS
CML
IN
/IN
VT
NC
SY89831U
VCC
VCC
VREF-AC
NC
Figure 3c. DC-Coupled CML
Input Interface
CML
IN
/IN
VT
VCC
VCC
SY89831U
VREF–AC
VCC
0.01
µF
Figure 3d. AC-Coupled CML
Input Interface
LVPECL
IN
/IN
VT
VCC
VCC – 2V
VCC
SY89831U
VREF-AC
R
pd
0.01
µF
VCC
For 2.5V, R
pd = 19
.
For 3.3V, R
pd = 50
.
Figure 3a. DC-Coupled LVPECL
Input Interface
LVPECL
IN
/IN
VT
VCC
VCC
SY89831U
VREF–AC
Rpd
Rpd
VCC
0.01
µF
Figure 3b. AC-Coupled LVPECL
Input Interface
For 2.5V, Rpd = 50Ω
For 3.3V, Rpd = 100Ω
LVDS
IN
/IN
VT
SY89831U
VCC
VCC
VREF–AC
NC
NC
Figure 3e. LVDS Interface


Similar Part No. - SY89831U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89831U MICREL-SY89831U Datasheet
156Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831UMG MICREL-SY89831UMG Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831UMG MICREL-SY89831UMG Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831UMGTR MICREL-SY89831UMGTR Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
More results

Similar Description - SY89831U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U_07 Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58021U MICREL-SY58021U_10 Datasheet
721Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge
SY58021U_1109 MICREL-SY58021U_1109 Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U Datasheet
133Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY89832U MICREL-SY89832U_14 Datasheet
866Kb / 13P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89832U MICREL-SY89832U Datasheet
156Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com