Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89834UMITR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89834UMITR
Description  2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89834UMITR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89834UMITR Datasheet HTML 1Page - Micrel Semiconductor SY89834UMITR Datasheet HTML 2Page - Micrel Semiconductor SY89834UMITR Datasheet HTML 3Page - Micrel Semiconductor SY89834UMITR Datasheet HTML 4Page - Micrel Semiconductor SY89834UMITR Datasheet HTML 5Page - Micrel Semiconductor SY89834UMITR Datasheet HTML 6Page - Micrel Semiconductor SY89834UMITR Datasheet HTML 7Page - Micrel Semiconductor SY89834UMITR Datasheet HTML 8Page - Micrel Semiconductor SY89834UMITR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Precision Edge®
SY89834U
Micrel, Inc.
M9999-080505
hbwhelp@micrel.com or (408) 955-1690
V
CC = 2.5V ±5% or VCC = 3.3V ±10% , RL = 50Ω to VCC–2V; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
f
MAX
Maximum Frequency
Input tr /tf ≥ 350ps
1.0
GHz
t
pd
Propagation Delay
IN-to-Q
Note 6
200
320
500
ps
t
SW
Switchover Time
SEL-to-Q
200
320
500
ps
t
SKEW
Within-Device Skew
Note 7
5
20
ps
Part-to-Part Skew
Note 8
300
ps
t
JITTER
Data
Random Jitter (RJ)
Note 9
1
ps
RMS
Deterministic Jitter (DJ)
Note 10
10
ps
PP
Clock
Cycle-to-Cycle Jitter
Note 11
1
ps
RMS
Total Jitter (TJ)
Note 12
10
ps
PP
DC
Duty Cycle
Input t
r/tf ≥ 350ps, Note 13
45
50
55
%
t
S
Set-Up Time
EN to IN1, IN
Note 14 and Note 15
300
ps
t
H
Hold Time
EN to IN1, IN
Note 14 and Note 15
500
ps
t
r, tf
Output Rise/Fall Times
70
140
225
ps
(20% to 80%)
Notes:
5.
High-frequency AC parameters are guaranteed by design and characterization.
6.
V
IH = 2.0V, VIL = 0.8V, 50% duty cycle. Delay measured at 100MHz from the crossing of the input signal with VCC/2 as the crossing of the
differential output signal. See Figure 1.
7.
Within device skew is measured between two different outputs under identical input transitions.
8.
Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and no skew at the edges at the respective
inputs.
9.
Random jitter is measured with a K28.7 pattern, measured at
≤f
MAX.
10. Deterministic jitter is measured at 2.5Gbps with both K28.5 and 223–1 PRBS pattern.
11. Cycle-to-cycle jitter definition: The variation period between adjacent cycles over a random sample of adjacent cycle pairs.
T
JITTER_CC = Tn – Tn+1, where T is the time between rising edges of the output signal.
12. Total jitter definition: with an ideal clock input frequency of
≤ f
MAX (device), no more than one output edge in 10
12 output edges will deviate by more
than the specified peak-to-peak jitter value.
13. If tr/tf is less than 350ps, the duty cycle distortion will increase beyond the duty cycle limits.
14. Set-up and hold times apply to synchronous applications that intend to enable/disable before the next clock cycle. For asynchronous applications
set-up and hold times do not apply.
15. See “Timing Diagrams,” Figure 1a.
AC ELECTRICAL CHARACTERISTICS(5)


Similar Part No. - SY89834UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89834UMITR MICREL-SY89834UMITR Datasheet
105Kb / 10P
   2.5V/3.3V TWO INPUT , 1GHz LVTTL/CMOS-TO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR
More results

Similar Description - SY89834UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89834U MICREL-SY89834U Datasheet
105Kb / 10P
   2.5V/3.3V TWO INPUT , 1GHz LVTTL/CMOS-TO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR
SY89826L MICREL-SY89826L Datasheet
122Kb / 10P
   3.3V 1GHz PRECISION 1:22 LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89828L MICREL-SY89828L Datasheet
129Kb / 13P
   3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
logo
ON Semiconductor
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
logo
Micrel Semiconductor
SY89828L MICREL-SY89828L_08 Datasheet
163Kb / 13P
   3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
logo
ON Semiconductor
NB7L572 ONSEMI-NB7L572 Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
December, 2008 ??Rev. 1
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
NB7L572 ONSEMI-NB7L572_12 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
June, 2012 ??Rev. 2
NB7LQ572 ONSEMI-NB7LQ572 Datasheet
294Kb / 12P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2010 ??Rev. 0
NB6LQ572 ONSEMI-NB6LQ572 Datasheet
187Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com