Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89831UMGTR Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY89831UMGTR
Description  ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89831UMGTR Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY89831UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89831UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89831UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89831UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89831UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89831UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89831UMGTR Datasheet HTML 9Page - Micrel Semiconductor SY89831UMGTR Datasheet HTML 10Page - Micrel Semiconductor SY89831UMGTR Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Precision Edge®
SY89831U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
OUTPUT TERMINATION RECOMMENDATIONS
R2
82
R2
82
ZO = 50Ω
ZO = 50Ω
+3.3V
+3.3V
Vt = VCC —2V
R1
130
R1
130
+3.3V
Figure 4. Parallel Termination—
Thevenin Equivalent
Note:
1. For +2.5V systems: R1 = 250
Ω, R2 = 62.5Ω.
Part Number
Function
Data Sheet Link
SY89830U
1:4 LVPECL Fanout Buffer w/2:1 MUX Input
www.micrel.com/product-info/products/sy89830u.shtml
SY89832U
2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/
www.micrel.com/product-info/products/sy89832u.shtml
Translator with Internal Termination
SY89833U
3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/
www.micrel.com/product-info/products/sy89833u.shtml
Translator with Internal Termination
SY89834U
2.5/3.3V Two Input, 1GHz LVTTL/CMOS-to-LVPECL
www.micrel.com/product-info/products/sy89833u.shtml
1:4 Fanout Buffer/Translator
HBW Solutions
New Products and Applications
www.micrel.com/product-info/products/solutions.shtml
16-MLF® Manufacturing Guidelines
www.amkor.com/products/notes_papers/MLF_AppNote_0301.pdf
Exposed Pad Application Note
RELATED PRODUCT AND SUPPORT DOCUMENTATION
Z = 50
Z = 50
50
50
50
+3.3V
+3.3V
“source”“destination”
R
b
C1
0.01
µF
(optional)
VCC
Figure 5. Three-Resistor “Y-Termination”
Notes:
1. Power-saving alternative to Thevenin termination.
2. Place termination resistors as close to destination inputs as possible.
3. R
b resistor sets the DC bias voltage, equal to Vt.
For +2.5V systems R
b = 19Ω.
4. C1 is an optional bypass capacitor intended to compensate for any tr/tf
mismatches.


Similar Part No. - SY89831UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89831UMGTR MICREL-SY89831UMGTR Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831UMGTR MICREL-SY89831UMGTR Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
More results

Similar Description - SY89831UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U_07 Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58021U MICREL-SY58021U_10 Datasheet
721Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge
SY58021U_1109 MICREL-SY58021U_1109 Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U Datasheet
133Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY89832U MICREL-SY89832U_14 Datasheet
866Kb / 13P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89832U MICREL-SY89832U Datasheet
156Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com