Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89852U Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89852U
Description  Precision Low Power Differential 2:1 LVPECL MUX with Internal Termination
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89852U Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89852U Datasheet HTML 1Page - Micrel Semiconductor SY89852U Datasheet HTML 2Page - Micrel Semiconductor SY89852U Datasheet HTML 3Page - Micrel Semiconductor SY89852U Datasheet HTML 4Page - Micrel Semiconductor SY89852U Datasheet HTML 5Page - Micrel Semiconductor SY89852U Datasheet HTML 6Page - Micrel Semiconductor SY89852U Datasheet HTML 7Page - Micrel Semiconductor SY89852U Datasheet HTML 8Page - Micrel Semiconductor SY89852U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Micrel, Inc.
SY89852U
February 2007
M9999-021307-B
hbwhelp@micrel.com or (408) 955-1690
5
LVPECL Outputs DC Electrical Characteristics
(7)
VCC = 2.5V ±5% or 3.3V ±10%; TA = –40°C to + 85°C; RL = 50Ω to VCC –2V, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
Q, /Q
VCC–1.145
VCC–0.895
V
VOL
Output LOW Voltage
Q, /Q
VCC–1.945
VCC–1.695
V
VOUT
Output Voltage Swing
Q, /Q
See Figure 1a.
550
800
mV
VDIFF-OUT
Differential Output Voltage Swing
Q,/Q
See Figure 1b.
1100
1600
mV
LVTTL/CMOS DC Electrical Characteristics
(7)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
2.0
VCC
V
VIL
Input LOW Voltage
0.8
V
IIH
Input HIGH Current
-125
30
µA
IIL
Input LOW Current
-300
µA
Note:
7. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.


Similar Part No. - SY89852U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89852U MICREL-SY89852U Datasheet
514Kb / 13P
   Precision Low Power Differential 2:1
SY89852UMGTR MICREL-SY89852UMGTR Datasheet
514Kb / 13P
   Precision Low Power Differential 2:1
SY89852U MICREL-SY89852U_10 Datasheet
514Kb / 13P
   Precision Low Power Differential 2:1
More results

Similar Description - SY89852U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U_0708 MICREL-SY58018U_0708 Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U_07 Datasheet
326Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U_0709 MICREL-SY58019U_0709 Datasheet
230Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY89853U MICREL-SY89853U Datasheet
578Kb / 13P
   Precision Low-Power Dual 2:1 LVPECL MUX with Internal Termination
SY89855U MICREL-SY89855U Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
SY58026U_0708 MICREL-SY58026U_0708 Datasheet
173Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026U MICREL-SY58026U Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com