Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ7027Z Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AZ7027Z
Description  VOLTAGE DETECTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ7027Z Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AZ7027Z Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ7027Z Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ7027Z Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ7027Z Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ7027Z Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ7027Z Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ7027Z Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ7027Z Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ7027Z Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Mar. 2007 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
VOLTAGE DETECTOR
AZ70XX
Preliminary Datasheet
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under"Recommended Operating Conditions" is not implied. Exposure to "Absolute Maxi-
mum Ratings" for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
-0.3 to 20
V
Power Dissipation (Package Limitations,
TA=25
oC)
PD
TO-92 Package: 400
mW
SOT-89-3 Package: 500
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
18
V
Operating Temperature Range
TA
-40
85
oC
Absolute Maximum Ratings (Note 1)


Similar Part No. - AZ7027Z

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7027Z BCDSEMI-AZ7027Z Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
AZ7027Z-E1 BCDSEMI-AZ7027Z-E1 Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
AZ7027Z-E1 BCDSEMI-AZ7027Z-E1 Datasheet
721Kb / 13P
   VOLTAGE DETECTOR
logo
Diodes Incorporated
AZ7027Z-E1 DIODES-AZ7027Z-E1 Datasheet
721Kb / 13P
   VOLTAGE DETECTOR
Oct. 2011 Rev. 2. 2
logo
BCD Semiconductor Manuf...
AZ7027Z-G1 BCDSEMI-AZ7027Z-G1 Datasheet
721Kb / 13P
   VOLTAGE DETECTOR
More results

Similar Description - AZ7027Z

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com