Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAA-0512S Datasheet(PDF) 1 Page - Recom International Power

Part # RAA-0512S
Description  5 Watt 25.00 x 23.50mm Single & Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAA-0512S Datasheet(HTML) 1 Page - Recom International Power

  RAA-0512S Datasheet HTML 1Page - Recom International Power RAA-0512S Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part
Input
Output
Output
Input Current
Efficiency
Number
Voltage
Voltage
Current
Full Load
No Load
DIP Package
(VDC)
(VDC)
mA)
(mA)
(%)
RAA-0505S
5
5
1000
1250
80
80
RAA-0512S
5
12
417
1150
80
87
RAA-0515S
5
15
333
1150
80
87
RAA-1205S
12
5
1000
496
40
84
RAA-1212S
12
12
417
479
40
87
RAA-1215S
12
15
333
479
40
87
RAA-2405S
24
5
1000
261
20
83
RAA-2412S
24
12
417
245
20
85
RAA-2415S
24
15
333
239
20
87
RAA-0505D
5
±5
±500
1250
80
80
RAA-0512D
5
±12
±208
1150
80
87
RAA-0515D
5
±15
±167
1150
80
87
RAA-1205D
12
±5
±500
496
40
84
RAA-1212D
12
±12
±208
479
40
87
RAA-1215D
12
±15
±167
479
40
87
RAA-2405D
24
±5
±500
261
20
83
RAA-2412D
24
±12
±208
245
20
85
RAA-2415D
24
±15
±167
239
20
87
120
100
20
60
100
75
0
-25
Operating Temperature (°C)
0
80
50
25
70
Safe Operating Area
40
Derating-Graph
(Ambient Temperature)
Selection Guide
5 Watt
25.00 x 23.50mm
Single & Dual
Output
ECONOLINE
DC/DC-Converter
RAA
Series
Dual In-Line Package
1kVDC Isolation
Internal Filtering
No External Components Required
100% Burned In
UL94V-0 Package Material
Low Noise
Efficiency to 87%
Features
Unregulated
Converters
Specifications (Core Operating Area)
Voltage Setpoint Accuracy
±3% max.
Temperature Coefficient
±0.03%/°C
Ripple and Noise (20MHz BW)
100mVp-p max.
Line Regulation (for 1% change in input voltage)
±1.2% max.
Load Regulation (for output load current change from 20% to 100%)
±3% max.
Short Circuit Protection
1 Second
Input Voltage Range
±10% min.
Efficiency
See Selection Guide
Isolation Voltage
(tested for 1 second)
1000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Resistance
10 G
Ω min.
Switching Frequency
50kHz typ.
Isolation Capacitance
80pF max.
Operating Temperature Range (free air convection)
-25°C to +70°C (see Graph)
Storage Temperature
-55°C to +100°C
Relative Humidity
95% RH
Case Material
Non-Conductive Plastic
Package Weight
19.2g
MTBF (+25°C)
using MIL-HDBK 217F
1415 x 103hours
(+70°C)
using MIL-HDBK 217F
243 x 103hours
}DetailedInformationsee
Application Notes chapter "MTBF"
July-2006
www.recom-international.com
120


Similar Part No. - RAA-0512S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAA-0512S RECOM-RAA-0512S Datasheet
93Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results

Similar Description - RAA-0512S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC05-3.3SA RECOM-RAC05-3.3SA Datasheet
87Kb / 2P
   5 Watt Single & Dual Output
RAC05-S-DC RECOM-RAC05-S-DC Datasheet
101Kb / 3P
   5 Watt Single / Dual Output
RAC05-S-DA RECOM-RAC05-S-DA Datasheet
137Kb / 2P
   5 Watt Single/Dual Output
RAC05-C RECOM-RAC05-C Datasheet
101Kb / 3P
   5 Watt Single / Dual Output
R5M RECOM-R5M Datasheet
779Kb / 5P
   5 Watt SMD Single & Dual Output
REV.: 0/2023
REC5K-AW RECOM-REC5K-AW Datasheet
542Kb / 5P
   5 Watt 1” x 1” Single Output
REV.: 0/2023
REC5-123.3SRWH4 RECOM-REC5-123.3SRWH4 Datasheet
104Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
REC5-053.3SRW-H RECOM-REC5-053.3SRW-H Datasheet
120Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-053.3SRW RECOM-REC5-053.3SRW Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-XX3.3SRWH RECOM-REC5-XX3.3SRWH Datasheet
134Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com