Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3101 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP3101
Description  GREEN MODE PWM CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3101 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3101 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3101 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3101 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3101 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3101 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3101 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3101 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3101 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3101 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
GREEN MODE PWM CONTROLLER
AP3101
Preliminary Datasheet
10
Apr. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Operation Description (Continued)
in series with the source of the MOSFET. The peak
inductor current under normal operating conditions is
controlled by the voltage at FB pin:
Abnormal operating conditions occur when the power
supply output is overloaded or the output voltage sens-
ing is lost. Under these conditions, the current sense
comparator threshold will be internally clamped to
0.85V. Therefore the maximum peak switch current is:
Leading Edge Blanking
A narrow spike on the leading edge of the current
waveform can usually be observed when the power
MOSFET is turned on. A 270 ns leading-edge blank is
built-in to prevent the false-triggering caused by the
turn-on spike; so the RC filter on the current sense
input can be removed. During this period, the current
limit comparator is disabled and the gate driver can not
be switched off.
Built-in Slope Compensation
It is well known that a continuous current mode
SMPS may become unstable when the duty cycle
exceeds 50%. The built-in slope compensation can
improve the stability, so there is no need for design
engineer to spend much time on that.
Short Circuit Protection
Built-in short circuit protection can protect a SMPS
from being damaged when short circuit of output or
over load conditions happen. The feedback voltage
will keep its value above its upper limit of 4.2V as long
as short circuit exists, and then gate driver will be
turned off after fixed delay time of 23 ms. When VCC
of AP3101 dropped under the minimum operating
voltage, the device will be turned off and the system
will try to restart. The SMPS will not recover its
normal operation until the short circuit or over load is
removed.
Green Mode Operation
ADJ pin is the non-inverting input of skip cycle
comparator. The voltage at FB pin minus 0.9V is
compared with the voltage at ADJ pin. If the voltage at
ADJ pin is larger, AP3101 will start to blank its output
pulse. In normal operation, AP3101 works at fixed
switching frequency, and VFB is in high level. When
load power becomes lighter, the VFB will decrease.
When VFB drops to the threshold, AP3101 will enter
the skip cycle mode and operate intermittently. The
threshold is adjustable by changing the value of the
resistor connected from pin ADJ to the ground.
S
FB
pk
R
V
I
3
/
)
9
.
0
(
=
S
PK
R
I
/
85
.
0
(max) =


Similar Part No. - AP3101

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
AP3101M-E1 DIODES-AP3101M-E1 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
AP3101M-G1 DIODES-AP3101M-G1 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
AP3101MTR-E1 DIODES-AP3101MTR-E1 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
AP3101MTR-G1 DIODES-AP3101MTR-G1 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
More results

Similar Description - AP3101

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com