Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89855U Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY89855U
Description  Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89855U Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY89855U Datasheet HTML 3Page - Micrel Semiconductor SY89855U Datasheet HTML 4Page - Micrel Semiconductor SY89855U Datasheet HTML 5Page - Micrel Semiconductor SY89855U Datasheet HTML 6Page - Micrel Semiconductor SY89855U Datasheet HTML 7Page - Micrel Semiconductor SY89855U Datasheet HTML 8Page - Micrel Semiconductor SY89855U Datasheet HTML 9Page - Micrel Semiconductor SY89855U Datasheet HTML 10Page - Micrel Semiconductor SY89855U Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Micrel, Inc.
SY89855U
February 2007
7
M9999-022007-B
hbwhelp@micrel.com or (408) 955-1690
Typical Operating Characteristics
VCC = 2.5V, GND = 0, VIN = 100mV; TA = –40°C to + 85°C, RL = 50Ω to VCC–2V, unless otherwise stated.


Similar Part No. - SY89855U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89855U MICREL-SY89855U Datasheet
565Kb / 13P
   Precision Low Power Differential LVPECL 4:1
SY89855UMGTR MICREL-SY89855UMGTR Datasheet
565Kb / 13P
   Precision Low Power Differential LVPECL 4:1
SY89855U MICREL-SY89855U_10 Datasheet
565Kb / 13P
   Precision Low Power Differential LVPECL 4:1
More results

Similar Description - SY89855U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58029U MICREL-SY58029U_07 Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58029U MICREL-SY58029U Datasheet
200Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58030U MICREL-SY58030U Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY89852U MICREL-SY89852U Datasheet
546Kb / 13P
   Precision Low Power Differential 2:1 LVPECL MUX with Internal Termination
SY89859U MICREL-SY89859U Datasheet
540Kb / 13P
   Precision Low-Power 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
logo
Integrated Device Techn...
8S58035I IDT-8S58035I Datasheet
463Kb / 21P
   Low Skew, 2:1 LVPECL MUX with Fanout and Internal Termination
logo
Micrel Semiconductor
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U_0708 MICREL-SY58018U_0708 Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com