Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC05-24SA Datasheet(PDF) 2 Page - Recom International Power

Part # RAC05-24SA
Description  5 Watt Single & Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC05-24SA Datasheet(HTML) 2 Page - Recom International Power

  RAC05-24SA Datasheet HTML 1Page - Recom International Power RAC05-24SA Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RAC05-S_DA
Series
POWERLINE
AC/DC-Converter
Package Style and Pinning
Simplified Schematics
10.0
47.00
20.5
N
L
+
Com
10.0
Bottom View
55.00
45.00
1.0
17.5
-
10.0
FG
17.5
1
2
3
4
5
6
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Rectifier
FG
Line Filter
+Vout
Isolation
Reference
& Error AMP
-Vout
L
N
PWM
Controller
Rectifier
FG
Line Filter
Isolation
Reference
& Error AMP
-Vout
L
N
PWM
Controller
+Vout
Com
Dual
Single
Pin Connections-
Pin #
Single Out
Dual Out
1FG
FG
2
VAC in (N)
VAC in (N)
3
VAC in (L)
VAC in (L)
4
-VDC out
-VDC out
5
No Pin
Com
6
+VDC out
+VDC out
3rd angle
projection
See DIN Rail Modules for DIN rail mounting option
12-February-2007
www.recom-international.com
286


Similar Part No. - RAC05-24SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC05-24SA RECOM-RAC05-24SA Datasheet
137Kb / 2P
   AC-DC Power Supply
RAC05-24SA RECOM-RAC05-24SA Datasheet
137Kb / 2P
   5 Watt Single/Dual Output
More results

Similar Description - RAC05-24SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC05-S-DC RECOM-RAC05-S-DC Datasheet
101Kb / 3P
   5 Watt Single / Dual Output
RAC05-S-DA RECOM-RAC05-S-DA Datasheet
137Kb / 2P
   5 Watt Single/Dual Output
RAC05-C RECOM-RAC05-C Datasheet
101Kb / 3P
   5 Watt Single / Dual Output
R5M RECOM-R5M Datasheet
779Kb / 5P
   5 Watt SMD Single & Dual Output
REV.: 0/2023
REC5-123.3SRWH4 RECOM-REC5-123.3SRWH4 Datasheet
104Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
REC5-053.3SRW-H RECOM-REC5-053.3SRW-H Datasheet
120Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-053.3SRW RECOM-REC5-053.3SRW Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-XX3.3SRWH RECOM-REC5-XX3.3SRWH Datasheet
134Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-123.3SRW RECOM-REC5-123.3SRW Datasheet
102Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
RP05-1233SA RECOM-RP05-1233SA Datasheet
104Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com