Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC05-15DA Datasheet(PDF) 1 Page - Recom International Power

Part # RAC05-15DA
Description  5 Watt Single & Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC05-15DA Datasheet(HTML) 1 Page - Recom International Power

  RAC05-15DA Datasheet HTML 1Page - Recom International Power RAC05-15DA Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5 Watt
Single
& Dual
Output
POWERLINE
AC/DC-Converter
RAC05-
S_DA
Series
AC-DC Power Supply
5 Watt PCB Mount Package
Universal Input Voltage Range
3000VAC Isolation
Low Output Ripple and Noise
Short Circuit Protected
UL Approved
Features
Regulated
Converters
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Range
Voltage
Current
(VAC)
(VDC)
(mA)
(%)
RAC05-3.3SA
90-264
3.3
1500
70
RAC05-05SA
90-264
5
1000
75
RAC05-12SA
90-264
12
416
75
RAC05-15SA
90-264
15
333
75
RAC05-24SA
90-264
24
200
76
RAC05-05DA
90-264
±5
±500
72
RAC05-12DA
90-264
±12
±200
75
RAC05-15DA
90-264
±15
±160
75
* add suffix "-DIN for DIN Rail mounting module (see seperate datasheet)
Input Voltage Range
90-264VAC or 120-370VDC
Rated Power
5 Watts max.
Input Frequency Range (for AC Input)
47-440Hz
Input Current (full load)
110mA max. (115VAC) / 70mA max. (230VAC)
Inrush Current (<2ms)
10A max. (115VAC) / 20A max. (230VAC)
Leakage Current
0.75mA max.
Output Voltage Accuracy (full load)
±2%
Line Voltage Regulation (low line, high line at full load)
±0.3% typ.
Load Voltage Regulation ( 5% to 100% full load )
±0.5% typ.
Output Ripple and Noise (20MHz limited)
0.5% Vout + 50mVp-p max.
Operating Frequency
100kHz typ.
Efficiency at full Load
see table
Isolation Voltage (input to output)
3000VAC min.
Temperature Coefficient
±0.02%/°C typ.
Isolation Resistance
100 M
Ω max.
Short Circuit Protection
Continuous, Automatic Restart
Operating Temperature Range (free air convection, with derating)
-25°C to +70°C
Storage Temperature Range
-40°C to +85°C
Humidity
95% RH max.
Case Material
Epoxy with Fibreglass (UL94V-0)
Package Weight
80g
DIN Rail Module
140g
MTBF (+25°C)
using MIL-HDBK-217F
300 x 103 hours
Specifications
( typical at 25°C, nominal input voltage and after warm up time unless otherwise specified )
Derating Graph
(Ambient Temperature)
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25
-10 0
50
60 70 80 90 100
Natural Convection
Compact switching power module for PCB or DIN-rail mounting with cUL, UL Safety Approvals.
Description
UL-60950 Certified
12-February-2007
285
www.recom-international.com


Similar Part No. - RAC05-15DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC05-15DA RECOM-RAC05-15DA Datasheet
137Kb / 2P
   AC-DC Power Supply
RAC05-15DA RECOM-RAC05-15DA Datasheet
137Kb / 2P
   5 Watt Single/Dual Output
More results

Similar Description - RAC05-15DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC05-S-DC RECOM-RAC05-S-DC Datasheet
101Kb / 3P
   5 Watt Single / Dual Output
RAC05-S-DA RECOM-RAC05-S-DA Datasheet
137Kb / 2P
   5 Watt Single/Dual Output
RAC05-C RECOM-RAC05-C Datasheet
101Kb / 3P
   5 Watt Single / Dual Output
R5M RECOM-R5M Datasheet
779Kb / 5P
   5 Watt SMD Single & Dual Output
REV.: 0/2023
REC5-123.3SRWH4 RECOM-REC5-123.3SRWH4 Datasheet
104Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
REC5-053.3SRW-H RECOM-REC5-053.3SRW-H Datasheet
120Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-053.3SRW RECOM-REC5-053.3SRW Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-XX3.3SRWH RECOM-REC5-XX3.3SRWH Datasheet
134Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-123.3SRW RECOM-REC5-123.3SRW Datasheet
102Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
RP05-1233SA RECOM-RP05-1233SA Datasheet
104Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com