Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2202K-2.7TR Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP2202K-2.7TR
Description  150mA RF ULDO REGULATOR
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2202K-2.7TR Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2202K-2.7TR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2202K-2.7TR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2202K-2.7TR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2202K-2.7TR Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2202K-2.7TR Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2202K-2.7TR Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2202K-2.7TR Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2202K-2.7TR Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2202K-2.7TR Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
150mA RF ULDO REGULATOR
AP2202
Data Sheet
11
Mar. 2007 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Electrical Characteristics (Continued)
AP2202-2.6 Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Enable
Input
Logic-High
Voltage
VIH
Regulator enabled
2.0
V
Enable
Input
Logic-Low
Current
IIL
VIL≤0.4V
0.01
1
µA
VIL≤0.18V
2
Enable
Input
Logic-High
Current
IIH
VIH≥2.0V
5
20
µA
VIH≥2.0V
25
Note 2: Specifications in bold type are limited to -40oC
≤T
J≤125
oC. Limits over temperature are guaranteed by design, but not
tested in production.
Note 3: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature
range.
Note 4: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load
regulation in the load range from 0.1mA to 150mA. Changes in output voltage due to heating effects are covered by the thermal
regulation specification.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops 1% (TJ=25
oC) or 2% (-
40oC
≤T
J≤125
oC) below its nominal value measured at 1V differential.
Note 6: Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the
supply is the sum of the load current plus the ground pin current.
VIN=3.6V, IOUT=100µA, CIN=1.0µF, COUT=2.2µF, VEN≥2.0V, TJ=25
oC, Bold typeface applies over -40oC
≤T
J≤125
oC (note 2),
unless otherwise specified.


Similar Part No. - AP2202K-2.7TR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2202K-2.7TR BCDSEMI-AP2202K-2.7TR Datasheet
169Kb / 13P
   150mA RF ULDO REGULATOR
AP2202K-2.7TRE1 BCDSEMI-AP2202K-2.7TRE1 Datasheet
169Kb / 13P
   150mA RF ULDO REGULATOR
More results

Similar Description - AP2202K-2.7TR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202 Datasheet
169Kb / 13P
   150mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2202 DIODES-AP2202 Datasheet
1Mb / 26P
   150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
logo
BCD Semiconductor Manuf...
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
   150mA RF ULDO REGULATOR WITH ERROR FLAG
logo
Diodes Incorporated
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
   300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
logo
BCD Semiconductor Manuf...
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
   300mA RF ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com