Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ7025Z-E1 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AZ7025Z-E1
Description  VOLTAGE DETECTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ7025Z-E1 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ7025Z-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ7025Z-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ7025Z-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ7025Z-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ7025Z-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ7025Z-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ7025Z-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ7025Z-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ7025Z-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Mar. 2007 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
VOLTAGE DETECTOR
AZ70XX
Preliminary Datasheet
Mechanical Dimensions (Continued)
TO-92 Ammo Packing
Unit: mm(inch)
12.400(0.488)
13.000(0.512)
4.400(0.173)
4.600(0.181)
1.000 (0.039) MAX
17.500(0.689)
19.000(0.748)
8.500(0.335)
9.500(0.374)
3.550(0.140)
4.150(0.163)
15.500(0.610)
16.500(0.650)
19.000(0.748)
21.000(0.827)
12.500(0.492)
12.900(0.508)
6.050(0.238)
6.650(0.262)
3.800(0.150)
4.200(0.165)
0.150(0.006)
0.250(0.010)
0.350(0.014)
0.450(0.018)
2.200(0.087)
2.800(0.110)
2.500(0.098)
MIN
5.500(0.217)
6.500(0.256)
3.400(0.134)
3.600(0.142)
4.400(0.173)
4.600(0.181)
0.380(0.015)
0.550(0.022)
2.200(0.087)
2.800(0.110)
±1.000(0.039)
ΔP
±1.000(0.039)
Δh


Similar Part No. - AZ7025Z-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7025Z-E1 BCDSEMI-AZ7025Z-E1 Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
AZ7025Z-E1 BCDSEMI-AZ7025Z-E1 Datasheet
721Kb / 13P
   VOLTAGE DETECTOR
logo
Diodes Incorporated
AZ7025Z-E1 DIODES-AZ7025Z-E1 Datasheet
721Kb / 13P
   VOLTAGE DETECTOR
Oct. 2011 Rev. 2. 2
More results

Similar Description - AZ7025Z-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com