Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR5527S Datasheet(PDF) 4 Page - NXP Semiconductors

Part # CR5527S
Description  Triple video driver hybrid amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CR5527S Datasheet(HTML) 4 Page - NXP Semiconductors

  CR5527S Datasheet HTML 1Page - NXP Semiconductors CR5527S Datasheet HTML 2Page - NXP Semiconductors CR5527S Datasheet HTML 3Page - NXP Semiconductors CR5527S Datasheet HTML 4Page - NXP Semiconductors CR5527S Datasheet HTML 5Page - NXP Semiconductors CR5527S Datasheet HTML 6Page - NXP Semiconductors CR5527S Datasheet HTML 7Page - NXP Semiconductors CR5527S Datasheet HTML 8Page - NXP Semiconductors CR5527S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1995 Apr 05
4
Philips Semiconductors
Product specification
Triple video driver hybrid amplifier
CR5527S
Fig.2
Input voltage at input test-circuit as a
function of output voltage; typical values.
VS = 80 V; Tmb =25 °C; CL = 10 pF; R1 = 348 Ω; C1 = 90 pF;
R2 = 82
Ω; C2 = 100 pF; 50 V (p-p) output swing with 40 V DC offset.
handbook, halfpage
MLB220
0
2
4
2
0
20
406080
VO (V)
6
VI
(V)
Fig.3
Input voltage at input module as a function
of output voltage; typical values.
VS = 80 V; Tmb =25 °C; CL = 10 pF; R1 = 348 Ω; C1 = 90 pF;
R2 = 82
Ω; C2 = 100 pF; 50 V (p-p) output swing with 40 V DC offset.
handbook, halfpage
MLB219
1
1.2
1.4
1.6
1.8
2.0
0
204060
80
VO (V)
VI
(V)
Fig.4
Rise time transient response as a function
of load capacitance; typical values.
VS = 80 V; Tmb =25 °C; CL = 10 pF; R1 = 348 Ω; C1 = 90 pF;
R2 = 82
Ω; C2 = 100 pF; 55, 50, 40 V (p-p) output swing
with 40 V DC offset.
handbook, halfpage
MLC952
2.75
3.25
3.75
4.25
10
14
18
22
(pF)
CL
t r
(ns)
55 V (p-p)
50 V (p-p)
40 V (p-p)
Fig.5
Fall time transient response as a function
of load capacitance; typical values.
VS = 80 V; Tmb =25 °C; CL = 10 pF; R1 = 348 Ω; C1 = 90 pF;
R2 = 82
Ω; C2 = 100 pF; 55, 50, 40 V (p-p) output swing
with 40 V DC offset.
handbook, halfpage
MLC953
10
14
18
22
t f
(ns)
CL (pF)
55 V (p-p)
50 V (p-p)
40 V (p-p)
3.5
3.0
2.5
2.0


Similar Part No. - CR5527S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CR5-010 CENTRAL-CR5-010 Datasheet
63Kb / 2P
   GLASS PASSIVATED JUNCTION GENERAL PURPOSE SILICON RECTIFIER 5.0 AMP, 100 THRU 1200 VOLTS
CR5-010 CENTRAL-CR5-010 Datasheet
63Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
CR5-010 CENTRAL-CR5-010_15 Datasheet
63Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
CR5-020 CENTRAL-CR5-020 Datasheet
63Kb / 2P
   GLASS PASSIVATED JUNCTION GENERAL PURPOSE SILICON RECTIFIER 5.0 AMP, 100 THRU 1200 VOLTS
CR5-020 CENTRAL-CR5-020 Datasheet
63Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - CR5527S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CR6928 PHILIPS-CR6928 Datasheet
61Kb / 8P
   Triple video driver hybrid amplifier
1998 Jul 03
CR5427 PHILIPS-CR5427 Datasheet
60Kb / 8P
   Triple video driver hybrid amplifier
1997 Oct 21
CR6728A PHILIPS-CR6728A Datasheet
62Kb / 8P
   Triple video driver hybrid amplifier
1998 Jul 03
CR6927A PHILIPS-CR6927A Datasheet
59Kb / 8P
   Triple video driver hybrid amplifier
1998 Feb 12
CR6928A PHILIPS-CR6928A Datasheet
61Kb / 8P
   Triple video driver hybrid amplifier
1998 Jul 03
CR6929A PHILIPS-CR6929A Datasheet
61Kb / 8P
   Triple video driver hybrid amplifier
1998 Sep 21
CR1296 PHILIPS-CR1296 Datasheet
53Kb / 8P
   Triple video driver hybrid amplifier
1997 Jul 09
CR6627 PHILIPS-CR6627 Datasheet
51Kb / 12P
   Triple video driver hybrid amplifier
1995 Apr 04
CR6929 PHILIPS-CR6929 Datasheet
61Kb / 8P
   Triple video driver hybrid amplifier
1998 Sep 21
CR6727A PHILIPS-CR6727A Datasheet
53Kb / 8P
   Triple video driver hybrid amplifier
1998 Feb 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com