Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4302 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP4302
Description  QUAD OP AMP AND VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4302 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP4302_06 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4302_06 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4302_06 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4302_06 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4302_06 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4302_06 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4302_06 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4302_06 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4302_06 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
QUAD OP AMP AND VOLTAGE REFERENCE
AP4302
5
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Data Sheet
Parameter
Symbol
Value
Unit
Power Supply Voltage (VCC to GND)
VCC
20
V
Input Voltage Range
VIN
-0.3 to VCC+0.3
V
Op Amp Input Differential Voltage
VID
20
V
Voltage Reference Cathode Current
IK
100
mA
Power Dissipation (TA=25
oC)
PD
DIP-16
1000
mW
SOIC-16
850
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering 10s)
TL
260
oC
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Parameter
Min
Max
Unit
Supply Voltage
3
18
V
Ambient Temperature
-40
85
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)


Similar Part No. - AP4302_06

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4302AM BCDSEMI-AP4302AM Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4302AM-E1 BCDSEMI-AP4302AM-E1 Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4302AMTR BCDSEMI-AP4302AMTR Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4302AMTR-E1 BCDSEMI-AP4302AMTR-E1 Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4302AP BCDSEMI-AP4302AP Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - AP4302_06

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4302 BCDSEMI-AP4302 Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4303 BCDSEMI-AP4303 Datasheet
158Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4303 BCDSEMI-AP4303_06 Datasheet
168Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4300 BCDSEMI-AP4300_06 Datasheet
159Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
   Dual OP Amp And Voltage Reference
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com