Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ7031Z-E1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AZ7031Z-E1
Description  VOLTAGE DETECTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ7031Z-E1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ7031Z-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ7031Z-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ7031Z-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ7031Z-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ7031Z-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ7031Z-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ7031Z-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ7031Z-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ7031Z-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Mar. 2007 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
VOLTAGE DETECTOR
AZ70XX
Preliminary Datasheet
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Detect Voltage
VDET
RL=200Ω
(Note 2)
VOL ≤ 0.4V
AZ7023R/Z
2.15
2.3
2.45
V
AZ7025R/Z
2.35
2.5
2.65
AZ7027R/Z
2.55
2.7
2.85
AZ7029R/Z
2.75
2.9
3.05
AZ7031R/Z
2.95
3.1
3.25
AZ7033R/Z
3.15
3.3
3.45
AZ7042R/Z
4.05
4.2
4.35
AZ7045R/Z
4.35
4.5
4.65
Low-level Output Voltage
VOL
VCC=VDET(min)-0.05V
RL=200Ω (Note 2)
0.4
V
Output Leakage Current
IOH
VCC=15V
0.1
µA
Hysteresis Voltage
VHYS
RL=200Ω (Note 2)
30
50
100
mV
Detect Voltage Temperature
Coefficient
∆V
DET/(VDET
×
∆T)
RL=200Ω (Note 2)
±0.01
% /oC
Circuit Current at On Time
ICCL
VCC=VDET(min)-0.05V
300
500
µA
Circuit Current at Off Time
ICCH
VCC=5.25V
30
50
µA
Minimum Operating Voltage
VOPR
RL=200Ω (Note 2)
VOL ≤ 0.4V
0.8
V
“L”Transmission Delay Time
tpHL
VCC changed from 5.25V to
VDET(min)-0.05V, RL=1.0KΩ,
CL=100p (Note 3)
10
µs
“H”Transmission Delay Time
tpLH
VCC changed from VDET(min)-
0.05V to 5.25V, RL=1.0KΩ,
CL=100p (Note 3)
15
µs
Output Current at On Time
IOL
VCC=VDET(min)-0.05V
TA=25
oC (Note 4)
20
mA
IOL
VCC=VDET(min)-0.05V
TA=-40 to 85
oC (Note 4)
16
Electrical Characteristics
TA=25
oC, unless otherwise specified.
Note 2: See test circuit 1 and Figure 12.
Note 3: See test circuit 2 and Figure 12.
Note 4: See test circuit 3. Adjusting the regulative power source until the reading value of voltage meter V is 0.4V,
the reading value of current meter A is defined as "Output Current at On Time".


Similar Part No. - AZ7031Z-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7031Z-E1 BCDSEMI-AZ7031Z-E1 Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
AZ7031Z-E1 BCDSEMI-AZ7031Z-E1 Datasheet
721Kb / 13P
   VOLTAGE DETECTOR
logo
Diodes Incorporated
AZ7031Z-E1 DIODES-AZ7031Z-E1 Datasheet
721Kb / 13P
   VOLTAGE DETECTOR
Oct. 2011 Rev. 2. 2
More results

Similar Description - AZ7031Z-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com