Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89875U Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89875U
Description  2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89875U Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY89875U_07 Datasheet HTML 2Page - Micrel Semiconductor SY89875U_07 Datasheet HTML 3Page - Micrel Semiconductor SY89875U_07 Datasheet HTML 4Page - Micrel Semiconductor SY89875U_07 Datasheet HTML 5Page - Micrel Semiconductor SY89875U_07 Datasheet HTML 6Page - Micrel Semiconductor SY89875U_07 Datasheet HTML 7Page - Micrel Semiconductor SY89875U_07 Datasheet HTML 8Page - Micrel Semiconductor SY89875U_07 Datasheet HTML 9Page - Micrel Semiconductor SY89875U_07 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Precision Edge®
SY89875U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
TYPICAL OPERATING CHARACTERISTICS
VCC = 2.5V, TA = 25°C, unless otherwise stated.
0
50
100
150
200
250
300
350
0
500 100015002000250030003500
FREQUENCY (MHz)
Output Amplitude
vs. Frequency
500
550
600
650
700
750
800
0
200
400
600
800
1000
INPUT SWING (mV)
IN to Q Propagation Delay
vs. Input Swing
500
550
600
650
700
750
800
-60 -40 -20 0
20 40 60 80 100
TEMPERATURE (°C)
IN to Q Propagation Delay
vs. Temperature
40
45
50
55
60
0
500 1000 1500 2000 2500 3000
FREQUENCY (MHz)
Output Duty Cycle
vs. Frequency


Similar Part No. - SY89875U_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89875U_0708 MICREL-SY89875U_0708 Datasheet
199Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS
More results

Similar Description - SY89875U_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89875U MICREL-SY89875U Datasheet
231Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1;2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89873L MICREL-SY89873L Datasheet
103Kb / 11P
   3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER FANOUT BUFFER W/ INTERNAL TERMINATION
SY89876L MICREL-SY89876L Datasheet
109Kb / 10P
   3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89872U MICREL-SY89872U Datasheet
575Kb / 10P
   2.5V, 2GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89871U MICREL-SY89871U Datasheet
168Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/ FANOUT BUFFER WI/INTERNAL TERMINATION
SY89874U MICREL-SY89874U Datasheet
180Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89874U MICREL-SY89874U_07 Datasheet
111Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89875U_0708 MICREL-SY89875U_0708 Datasheet
199Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89873L_0708 MICREL-SY89873L_0708 Datasheet
111Kb / 11P
   3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89871U MICREL-SY89871U_07 Datasheet
163Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com