Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD23-C300 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BZD23-C300
Description  Voltage regulator diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZD23-C300 Datasheet(HTML) 7 Page - NXP Semiconductors

  BZD23-C300 Datasheet HTML 1Page - NXP Semiconductors BZD23-C300 Datasheet HTML 2Page - NXP Semiconductors BZD23-C300 Datasheet HTML 3Page - NXP Semiconductors BZD23-C300 Datasheet HTML 4Page - NXP Semiconductors BZD23-C300 Datasheet HTML 5Page - NXP Semiconductors BZD23-C300 Datasheet HTML 6Page - NXP Semiconductors BZD23-C300 Datasheet HTML 7Page - NXP Semiconductors BZD23-C300 Datasheet HTML 8Page - NXP Semiconductors BZD23-C300 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1996 Jun 10
7
Philips Semiconductors
Product specification
Voltage regulator diodes
BZD23 series
GRAPHICAL DATA
Fig.2
Maximum total power dissipation as a
function of temperature.
Types BZD23-C3V6 to -C6V8
Solid line: tie-point temperature; lead length = 10 mm.
Dotted line: ambient temperature; PCB mounted as shown in Fig.7.
handbook, halfpage
0
200
3
Ptot
(W)
0
1
2
MGD522
100
T (
°C)
Fig.3
Maximum total power dissipation as a
function of temperature.
Types BZD23-C7V5 to -C510
Solid line: tie-point temperature; lead length = 10 mm.
Dotted line: ambient temperature; PCB mounted as shown in Fig.7.
handbook, halfpage
0
200
3
Ptot
(W)
0
1
2
MGD523
100
T (
°C)
Tj =25 °C prior to surge.
See also Fig.5.
Fig.4
Maximum non-repetitive peak reverse
power dissipation as a function of pulse
duration (square pulse).
handbook, halfpage
10−2
10
102
103
104
10−1
1
tp (ms)
PZSM
(W)
10
MGD524
Tj =25 °C prior to surge.
Fig.5
Maximum non-repetitive peak reverse
power dissipation as a function of nominal
working voltage.
handbook, halfpage
0
3V9
4V7
6V8
400
300
100
0
200
MGD525
5V6
VZnom (V)
3V6
4V3
6V2
5V1
PZSM
(W)


Similar Part No. - BZD23-C300

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
logo
Vishay Siliconix
BZD27 VISHAY-BZD27 Datasheet
35Kb / 4P
   Zener Diodes
06-May-02
logo
NXP Semiconductors
BZD27-C10 PHILIPS-BZD27-C10 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27-C100 PHILIPS-BZD27-C100 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
logo
EIC discrete Semiconduc...
BZD27-C100A EIC-BZD27-C100A Datasheet
140Kb / 4P
   VOLTAGE REGULATOR DIODES
More results

Similar Description - BZD23-C300

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com