Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ78L12MTR Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AZ78L12MTR
Description  3-TERMINAL POSITIVE LINEAR REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ78L12MTR Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ78L12MTR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ78L12MTR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ78L12MTR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ78L12MTR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ78L12MTR Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ78L12MTR Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ78L12MTR Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ78L12MTR Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZ78L12MTR Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
3-TERMINAL POSITIVE LINEAR REGULATOR
AZ78LXX
Data Sheet
10
Mar. 2007 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 4. Dropout Characteristics
Figure 5. Dropout Voltage vs. Junction Temperature
Figure 7. Input Bias Current vs. Input Voltage
Figure 6. Quiescent Current vs. Junction Temperature
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
OUT
=1mA
I
OUT
=40mA
I
OUT
=100mA
Junction Temperature (
oC)
AZ78L05
V=1%*V
OUT
02
46
8
10
0
1
2
3
4
5
V
I input voltage (V)
AZ78L05
V
OUT=5V
T
J =25
oC
I
OUT=100mA
I
OUT=40mA
I
OUT=1mA
Input Voltage (V)
-40
-20
0
20
40
60
80
100
120
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
Junction Temperature (
oC)
AZ78L05
V
IN
=10V
I
OUT
=5mA
0
2
4
6
8
10
12
14
16
18
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
AZ78L05
V
OUT
=5.0V
I
OUT
=40mA
T
J
=25
oC
Input Voltage (V)


Similar Part No. - AZ78L12MTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78L12MTR BCDSEMI-AZ78L12MTR Datasheet
228Kb / 17P
   3-TERMINAL POSITIVE LINEAR REGULATOR
AZ78L12MTR-E1 BCDSEMI-AZ78L12MTR-E1 Datasheet
228Kb / 17P
   3-TERMINAL POSITIVE LINEAR REGULATOR
More results

Similar Description - AZ78L12MTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78LXX BCDSEMI-AZ78LXX Datasheet
228Kb / 17P
   3-TERMINAL POSITIVE LINEAR REGULATOR
logo
AiT Semiconductor Inc.
A7812 AITSEMI-A7812 Datasheet
659Kb / 8P
   BIPOLAR LINEAR REGULATOR 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV1.1
A7805 AITSEMI-A7805 Datasheet
623Kb / 6P
   BIPOLAR LINEAR REGULATOR 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV2.0
A7805A AITSEMI-A7805A Datasheet
366Kb / 7P
   LINEAR REGULATOR 3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
REV1.0
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
[Old version datasheet]   3-Terminal Positive Regulator
logo
National Semiconductor ...
LM330 NSC-LM330 Datasheet
254Kb / 5P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM2930 TI-LM2930_15 Datasheet
1Mb / 13P
[Old version datasheet]   3-Terminal Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com