Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4300AM-B Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP4300AM-B
Description  DUAL OP AMP AND VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4300AM-B Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP4300AM-B Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4300AM-B Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4300AM-B Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4300AM-B Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4300AM-B Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4300AM-B Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP4300AM-B Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP4300AM-B Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP4300AM-B Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DUAL OP AMP AND VOLTAGE REFERENCE
AP4300
10
Jul. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Data Sheet
Mechanical Dimensions
DIP-8
Unit: mm(inch)
R0.750(0.030)
0.254(0.010)TYP
0.130(0.005)MIN
8.200(0.323)
9.400(0.370)
0.204(0.008)
0.360(0.014)
7.620(0.300)TYP
0.700(0.028)
9.000(0.354)
9.400(0.370)
3.710(0.146)
4.310(0.170)
3.000(0.118)
3.600(0.142)
0.360(0.014)
0.560(0.022)
2.540(0.100) TYP
6.200(0.244)
6.600(0.260)
3.200(0.126)
3.600(0.142)
0.510(0.020)MIN
Φ3.000(0.118)
Depth
0.100(0.004)
0.200(0.008)
1.524(0.060) TYP


Similar Part No. - AP4300AM-B

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4300AM-B BCDSEMI-AP4300AM-B Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4300AM-BE1 BCDSEMI-AP4300AM-BE1 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4300AM-BTR BCDSEMI-AP4300AM-BTR Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4300AM-BTRE1 BCDSEMI-AP4300AM-BTRE1 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - AP4300AM-B

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
   Dual OP Amp And Voltage Reference
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310A DIODES-AP4310A Datasheet
506Kb / 8P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Shenzhen Huazhimei Semi...
HM4310 HMSEMI-HM4310 Datasheet
507Kb / 6P
   Dual op AMP and voltage reference
logo
SeCoS Halbleitertechnol...
SPW8103S SECOS-SPW8103S Datasheet
749Kb / 4P
   Dual OP-AMP and 2.5V 0.7% Voltage Reference
logo
BCD Semiconductor Manuf...
AP4302 BCDSEMI-AP4302 Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com