Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3845CM Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP3845CM
Description  CURRENT MODE PWM CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3845CM Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3845CM Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3845CM Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3845CM Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3845CM Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3845CM Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3845CM Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3845CM Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3845CM Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3845CM Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CURRENT MODE PWM CONTROLLER
AP384XC
Data Sheet
8
Sep. 2006 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Figure 4 is the basic test circuit for AP384XC. In testing, the high peak currents associated with capacitive loads
necessitate careful grounding techniques. Timing and bypass capacitors should be connected close to pin 5 in a
single point ground. The transistor and 5k potentiometer are used to sample the oscillator waveform and apply an
adjustable ramp to pin 3.
Figure 7. Reference Voltage vs. Ambient Temperature
Typical Performance Characteristics
Figure 5. Oscillator Dead Time vs. Timing Capacitor
Figure 6. Timing Resistor vs. Frequency
ELectrical Characteristics (Continued)
Figure 8. Output Saturation Characteristics
-40
-20
0
20
40
60
80
100
120
4.980
4.985
4.990
4.995
5.000
5.005
5.010
5.015
V
CC
=15V, I
O
=1mA
Ambient Temperature (
oC)
0
50
100
150
200
250
300
350
400
450
500
550
600
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
CC
=15V, T
A
=25
oC
Output Sink Current (mA)


Similar Part No. - AP3845CM

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3845CM-E1 DIODES-AP3845CM-E1 Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
AP3845CM-G1 DIODES-AP3845CM-G1 Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
AP3845CMTR-E1 DIODES-AP3845CMTR-E1 Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
AP3845CMTR-G1 DIODES-AP3845CMTR-G1 Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - AP3845CM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com