Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC30-15SA Datasheet(PDF) 3 Page - Recom International Power

Part # RAC30-15SA
Description  30 Watt Single, Dual & Triple Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC30-15SA Datasheet(HTML) 3 Page - Recom International Power

  RAC30-15SA Datasheet HTML 1Page - Recom International Power RAC30-15SA Datasheet HTML 2Page - Recom International Power RAC30-15SA Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Style and Pinning
10.0
81.30
25.00
2
6
5
12.70
Bottom View
89.00
63.50
1.0
4
12.70
1
55.88
3
15.24
7
15.24
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single Out
Dual Out
0512DA
Triple Out
1
VAC in (N)
VAC in (N)
VAC in (N)
VAC in (N)
2
VAC in (L)
VAC in (L)
VAC in (L)
VAC in (L)
3
+ VDC Out
+VDC Out
+12V Out
+ VDC Out
4
No Pin
No Pin
+5V Out
+5V Out
5
-VDC Out
Com
+12V Rtn
Com
6
No Pin
No Pin
+5V Rtn
+5V Rtn (Com)
7
NC
-VDC Out
No Pin
-VDC Out
RAC30-S_D_TA
Series
POWERLINE
AC/DC-Converter
3rd angle
projection
Typical Application
N
Load
RAC30-12SA
C1
0.1uF
50V
L
+Vout DC
-Vout DC
C2
47uF
50V
1.5A
Slo
Blo
12-February-2007
www.recom-international.com
298


Similar Part No. - RAC30-15SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC30-15SA RECOM-RAC30-15SA Datasheet
87Kb / 2P
   30 Watt Single/Dual/Double & Triple Output
RAC30-15SA RECOM-RAC30-15SA Datasheet
87Kb / 2P
   30 Watt Single/Dual/ Double & Triple Output
More results

Similar Description - RAC30-15SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC30-S-D-TA RECOM-RAC30-S-D-TA Datasheet
87Kb / 2P
   30 Watt Single/Dual/ Double & Triple Output
RPM30-12XXS_DE RECOM-RPM30-12XXS_DE Datasheet
73Kb / 1P
   30-60 Watt Single , Dual & Triple Output
RAC30-A RECOM-RAC30-A Datasheet
87Kb / 2P
   30 Watt Single/Dual/Double & Triple Output
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com