Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4303BM-CTR Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP4303BM-CTR
Description  QUAD OP AMP AND VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4303BM-CTR Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP4303BM-CTR Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4303BM-CTR Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4303BM-CTR Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4303BM-CTR Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4303BM-CTR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4303BM-CTR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4303BM-CTR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4303BM-CTR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP4303BM-CTR Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
QUAD OP AMP AND VOLTAGE REFERENCE
AP4303
6
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Data Sheet
Operating Conditions: VCC=+5V, TA=25
oC unless otherwise specified.
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
Total Supply Current, Excluding Current
in Voltage Reference
VCC=5V, no load, -40
oC
T
A 85
oC
1.0
1.6
mA
VCC=18V, no load, -40
oC
T
A 85
oC
1.2
2.4
Voltage Reference Section
Reference Voltage for AZ4303C
IKA=10mA
TA=25
oC
0.5% tolerance
1.244
1.250
1.256
V
1% tolerance
1.237
1.263
Reference Voltage for AZ4303D
IKA=10mA
TA=25
oC
0.5% tolerance
1.234
1.240
1.246
V
1% tolerance
1.227
1.252
Reference Voltage Deviation over Full
Temperature Range
IKA=10mA, TA=-40 to 85
oC
517
mV
Minimum Cathode Current
for Regulation
0.1
0.2
mA
Ratio of Change in VREF to that of Cath-
ode Voltage
IKA=10mA
VREF to 10V
1.0
2.7
mV/V
10V to 18V
0.5
2.0
Reference Current
IKA=10mA, R1=10kΩ, R2=
0.7
4
µA
The Deviation of Reference Current over
Temperature
VKA=VREF, IKA=10mA,
TA=-40
oC to 85oC
0.4
1.2
µA
Off-State Cathode Current
VREF=0V, VKA=18V
0.05
1.0
µA
Dynamic Impedance
IKA =1.0 to 80mA, f<1kHz
0.2
0.5


Similar Part No. - AP4303BM-CTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4303BM-CTR BCDSEMI-AP4303BM-CTR Datasheet
158Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4303BM-CTRE1 BCDSEMI-AP4303BM-CTRE1 Datasheet
158Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - AP4303BM-CTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4302 BCDSEMI-AP4302 Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4303 BCDSEMI-AP4303 Datasheet
158Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4302 BCDSEMI-AP4302_06 Datasheet
167Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4300 BCDSEMI-AP4300_06 Datasheet
159Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
   Dual OP Amp And Voltage Reference
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com