Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ358MTR Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ358MTR
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ358MTR Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ358MTR Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ358MTR Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Aug. 2006
BCD Semiconductor Manufacturing Limited
Product Brief
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AZ358/358C
Description
The AZ358/358C consists of two independent, high gain
and internally frequency compensated operational amplifi-
ers, it is specifically designed to operate from a single
power supply. Operation from split power supply is also
possible and the low power supply current drain is inde-
pendent of the magnitude of the power supply voltages.
Features
·
Internally Frequency Compensated for Unity Gain
·
Large Voltage Gain: 100dB (Typical)
·
Low Input Bias Current: 20nA (Typical)
·
Low Input Offset Voltage: 2mV (Typical)
·
Low Supply Current: 0.7mA (Typical)
·
Wide Power Supply Voltage Range:
Single Supply: 3V to 18V
Dual Supplies: ±1.5V to ±9V
·
Input Common Mode Voltage Range Includes
Ground
·
Large Output Voltage Swing: 0V to VCC-1.5V
·
Power Drain Suitable for Battery Operation
Applications
·
Battery Charger
·
Cordless Telephone
·
Switching Power Supply
Benefits
·
Easier to use
·
Meet most application requirements of the industrial
standard 358
·
Very competitive price
Additional Available Materials
·
Samples
·
Datasheet
Pin Configuration
SOIC-8/DIP8
OUTPUT 1
INPUT 1+
INPUT 1-
GND
8
Vcc
7
OUTPUT 2
6
INPUT 2-
5
INPUT 2+
1
2
3
4
Parametric Table
Input Voltage Range (V)
3 to 18
± 1.5 to ± 9
Input Offset Voltage
(Typ/Max) (mA)
AZ358
2.0/5.0
AZ358C
2.0/3.0
Quiescent Current Over Full Tem-
perature Range (mA/Typ)
0.7
Large Signal Voltage Gain
(dB)(Typ)
100
CMRR (dB)(Typ)
90
PSRR (dB)(Typ)
90
Output Current Source (mA)(Typ)
40
Output Current Sink (mA)(Typ)
18
Operating Temperature Range (oC)
-40 to 85


Similar Part No. - AZ358MTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ358MTR BCDSEMI-AZ358MTR Datasheet
257Kb / 13P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AZ358MTR-E1 BCDSEMI-AZ358MTR-E1 Datasheet
257Kb / 13P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - AZ358MTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com